Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE426KD6270JR06L2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PHE426KD6270JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426KD6270JR06L2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PHE426KD6270JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE426KD6270JR06L2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
215
ARTICLE TABLE
Capaci- Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
PHE426
400 VDC/220 VAC
LEAD SPACING 27.5 MM
0.56
10.5
20.5
31.5
27.5
216
8.8
90
37
PHE426KF6560JR06L2
0.68
10.5
20.5
31.5
27.5
216
8.8
90
37
PHE426KF6680JR06L2
0.82
10.5
20.5
31.5
27.5
216
8.8
90
37
PHE426KF6820JR06L2
1.0
10.5
20.5
31.5
27.5
216
8.8
90
34
PHE426KF7100JR06L2
1.2
10.5
20.5
31.5
27.5
216
8.8
90
34
PHE426KF7120JR06L2
1.5
11.5
22.5
31.5
27.5
198
10.6
90
32
PHE426KF7150JR06L2
1.8
13.5
23.0
31.5
27.5
171
11.9
90
28
PHE426KF7180JR06L2
2.2
14.5
24.5
31.5
27.5
153
14.5
90
28
PHE426KF7220JR06L2
2.7
17.5
28.0
31.5
27.5
126
19.7
90
26
PHE426KF7270JR06L2
3.3
19.0
29.0
31.5
27.5
117
22.1
90
26
PHE426KF7330JR06L2
LEAD SPACING 37.5 MM
1.5
13.0
24.0
41.0
37.5
140
16.6
60
27
PHE426KR7150JR06L2
1.8
13.0
24.0
41.0
37.5
140
16.6
60
27
PHE426KR7180JR06L2
2.2
13.0
24.0
41.0
37.5
140
16.6
60
27
PHE426KR7220JR06L2
2.7
15.0
26.0
41.0
37.5
119
20.8
60
25
PHE426KR7270JR06L2
3.3
16.5
32.0
41.0
37.5
105
28.1
60
21
PHE426KR7330JR06L2
3.9
16.5
32.0
41.0
37.5
105
28.1
60
21
PHE426KR7390JR06L2
4.7
19.0
36.0
41.0
37.5
91
36.5
60
19
PHE426KR7470JR06L2
5.6
19.0
36.0
41.0
37.5
91
36.5
60
19
PHE426KR7560JR06L2
6.8
21.0
38.0
41.0
37.5
84
42.5
60
17
PHE426KR7680JR06L2
630 VDC/250 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4100JR05
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4120JR05
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4150JR05
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4180JR05
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4220JR05
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4270JR05
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4330JR05
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
0.2
30
230
PHE426MJ4390JR05
0.0047
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426MJ4470JR05
0.0056
3.5
8.0
7.2
5.0
2000
2000
2000
0.3
30
230
PHE426MJ4560JR05
0.0068
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
30
230
PHE426MJ4680JR05
0.0082
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
30
230
PHE426MJ4820JR05
0.010
4.5
9.0
7.2
5.0
1000
1500
1700
0.4
30
230
PHE426MJ5100JR05
0.012
5.0
10.0
7.2
5.0
1000
1300
1500
0.5
30
230
PHE426MJ5120JR05
0.015
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
30
230
PHE426MJ5150JR05
0.018
6.0
11.0
7.2
5.0
1000
1000
1200
0.6
30
230
PHE426MJ5180JR05
0.022
7.2
13.0
7.2
5.0
1000
800
0.9
30
230
PHE426MJ5220JR05
0.027
7.2
13.0
7.2
5.0
1000
800
0.9
30
230
PHE426MJ5270JR05
0.033
7.2
13.0
7.2
5.0
1000
800
0.9
30
230
PHE426MJ5330JR05
0.039
7.2
13.0
7.2
5.0
1000
800
0.9
30
230
PHE426MJ5390JR05
0.047
7.2
13.0
7.2
5.0
1000
800
0.9
30
230
PHE426MJ5470JR05
LEAD SPACING 7.5 MM
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
200
160
PHE426MK4560JR05
0.0068
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
200
160
PHE426MK4680JR05


Similar Part No. - PHE426KD6270JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426KD6270JR06L2 KEMET-PHE426KD6270JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426KD6270JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com