Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX364 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX364
Description  Precision, Quad, SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX364 Datasheet HTML 5Page - Maxim Integrated Products MAX364 Datasheet HTML 6Page - Maxim Integrated Products MAX364 Datasheet HTML 7Page - Maxim Integrated Products MAX364 Datasheet HTML 8Page - Maxim Integrated Products MAX364 Datasheet HTML 9Page - Maxim Integrated Products MAX364 Datasheet HTML 10Page - Maxim Integrated Products MAX364 Datasheet HTML 11Page - Maxim Integrated Products MAX364 Datasheet HTML 12Page - Maxim Integrated Products MAX364 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Precision, Quad, SPST Analog Switches
10
______________________________________________________________________________________
______ Pin Configurations/Functional Diagrams (continued)
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
MAX364
NC1
V-
GND
NC4
NC2
V+
VL
NC3
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
MAX365
NO1
V-
GND
NO4
NO2
V+
VL
NO3
THIN QFN
THIN QFN


Similar Part No. - MAX364

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
MAX364-MAX365 MAXIM-MAX364-MAX365 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX3640 MAXIM-MAX3640 Datasheet
329Kb / 12P
   3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
MAX3640UCM MAXIM-MAX3640UCM Datasheet
329Kb / 12P
   3.3V, 622Mbps LVDS, Dual 4:2 Crosspoint Switch
Rev 0; 3/00
More results

Similar Description - MAX364

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com