Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10C65 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT10C65
Description  8-bit micro-controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10C65 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT10C65 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10C65 Datasheet HTML 11Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MDT10C65
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 9
2004/12
Ver. 1.1
# = value depends on the condition of the following table
Condition
Status
bit 4
Status
bit 3
PSTA
bit 1
POWR ON RESET
1
1
0
/MCLR reset (not during SLEEP)
u
u
u
/MCLR reset during SLEEP
1
0
u
WDT reset (not during SLEEP)
0
1
u
WDT reset during SLEEP
0
0
u
Interrupt Wake-up during SLEEP
1
0
u
9. Electrical Characteristics
(Operating temperature at 25℃).
Sym
Description
Condition
Min
Typ
Max
Unit
Vdd
Operating voltage
2.3
5.5
V
VIL
Input Low Voltage
PA, PB, PC, PD, PE
/RES
Vdd=5V
Vdd=5V
-0.6
-0.6
1.0
1.0
V
V
VIH
Input high Voltage
PA, PB, PC, PD, PE
/RES
Vdd=5V
Vdd=5V
2.0
3.0
Vdd+0.6
Vdd+0.6
V
V
IIL
Input leakage current
Vdd=5V
+/-1
µA
VOL Output Low Voltage
PA0-PA3
PA4-PA7, PB, PC, PD, PE
Vdd=5V, IOL=15mA
Vdd=5V, IOL=20mA
Vdd=5V, IOL=5mA
2.6
0.5
0.2
V
V
V
VOH Output High Voltage
PA, PB, PC, PD, PE
Vdd=5V, IOH= -20mA
Vdd=5V, IOH= -5mA
3.5
4.5
V
V
RHi
Pull-up resistance
PA0-PA4, PA6-PA7
PB
PA5, PC, PD, PE
Vdd=5V
Vdd=5V
Vdd=5V
45K
25K
100K
Ohm
Ohm
Ohm


Similar Part No. - MDT10C65

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10C61 MDTIC-MDT10C61 Datasheet
73Kb / 12P
   8-bit micro-controller
More results

Similar Description - MDT10C65

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com