Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20123 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM20123
Description  3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20123 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM20123_08 Datasheet HTML 7Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 8Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 9Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 10Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 11Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 12Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 13Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 14Page - National Semiconductor (TI) LM20123_08 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
//htmlimg2.alldatasheet.com/htmldatasheet2/226491/NSC/LM20123_08/687/11/LM20123_08.png


Similar Part No. - LM20123_08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20123MH NSC-LM20123MH Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20123MH TI-LM20123MH Datasheet
1Mb / 29P
[Old version datasheet]   LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
LM20123MH/NOPB TI-LM20123MH/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20123MHE NSC-LM20123MHE Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20123MHE TI-LM20123MHE Datasheet
1Mb / 29P
[Old version datasheet]   LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
More results

Similar Description - LM20123_08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20123 NSC-LM20123 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20123 TI-LM20123_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20123MH TI-LM20123MH Datasheet
1Mb / 29P
[Old version datasheet]   LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
   3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com