Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC64M4A2 Datasheet(PDF) 9 Page - Micron Technology

Part # MT48LC64M4A2
Description  Synchronous DRAM 256Mb: x4, x8, x16 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC64M4A2 Datasheet(HTML) 9 Page - Micron Technology

Back Button MT48LC64M4A2 Datasheet HTML 5Page - Micron Technology MT48LC64M4A2 Datasheet HTML 6Page - Micron Technology MT48LC64M4A2 Datasheet HTML 7Page - Micron Technology MT48LC64M4A2 Datasheet HTML 8Page - Micron Technology MT48LC64M4A2 Datasheet HTML 9Page - Micron Technology MT48LC64M4A2 Datasheet HTML 10Page - Micron Technology MT48LC64M4A2 Datasheet HTML 11Page - Micron Technology MT48LC64M4A2 Datasheet HTML 12Page - Micron Technology MT48LC64M4A2 Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
PDF: 09005aef8091e6d1/Source: 09005aef8091e6a8
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256MSDRAM_2.fm - Rev. L 10/07 EN
9
©1999 Micron Technology, Inc. All rights reserved.
256Mb: x4, x8, x16 SDRAM
General Description
Figure 3:
16 Meg x 16 SDRAM Functional Block Diagram
13
RAS#
CAS#
ROW-
ADDRESS
MUX
CLK
CS#
WE#
CKE
CONTROL
LOGIC
COLUMN-
ADDRESS
COUNTER/
LATCH
MODE REGISTER
9
A0–A12,
BA0, BA1
DQML,
DQMH
13
ADDRESS
REGISTER
15
512
(x16)
8,192
I/O GATING
DQM MASK LOGIC
READ DATA LATCH
WRITE DRIVERS
COLUMN
DECODER
BANK0
MEMORY
ARRAY
(8,192 x 512 x 16)
BANK0
ROW-
ADDRESS
LATCH
&
DECODER
8,192
SENSE AMPLIFIERS
BANK
CONTROL
LOGIC
DQ0–
DQ15
16
16
DATA
INPUT
REGISTER
DATA
OUTPUT
REGISTER
16
12
BANK1
BANK2
BANK3
13
9
2
2
2
2
REFRESH
COUNTER


Similar Part No. - MT48LC64M4A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
MT48LC64M4A2BB1 MICRON-MT48LC64M4A2BB1 Datasheet
3Mb / 86P
   SDR SDRAM
More results

Similar Description - MT48LC64M4A2

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT40A1G4HX-083E MICRON-MT40A1G4HX-083E Datasheet
10Mb / 365P
   4Gb: x4, x8, x16 DDR4 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com