Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA547 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA547
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA547 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA547 Datasheet HTML 2Page - Burr-Brown (TI) OPA547 Datasheet HTML 3Page - Burr-Brown (TI) OPA547 Datasheet HTML 4Page - Burr-Brown (TI) OPA547 Datasheet HTML 5Page - Burr-Brown (TI) OPA547 Datasheet HTML 6Page - Burr-Brown (TI) OPA547 Datasheet HTML 7Page - Burr-Brown (TI) OPA547 Datasheet HTML 8Page - Burr-Brown (TI) OPA547 Datasheet HTML 9Page - Burr-Brown (TI) OPA547 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA547
6
SBOS056A
www.ti.com
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
–5
–4
–2
–3
–1
012
3
4
5
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, VS = ±30V and E/S pin open, unless otherwise noted.
–75
–50
–25
0
25
50
75
100
125
150
2.5
2
1.5
1
0.5
0
Temperature (°C)
OUTPUT VOLTAGE SWING vs TEMPERATURE
I
O = +500mA
I
O = +100mA
I
O = –500mA
I
O = –100mA
0
100
200
300
400
500
600
3
2.5
2
1.5
1
0.5
0
Output Current (mA)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+) –V
O
(V–) –V
O
1k
10k
100k
1M
30
25
20
15
10
5
0
Frequency (Hz)
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
Maximum Output
Voltage Without
Slew Rate Induced
Distortion
–40
–30
–20
–10
0
10
20
30
1
0.5
0
–0.5
–1
Output Voltage (V)
OUTPUT LEAKAGE CURRENT
vs APPLIED OUTPUT VOLTAGE
R
CL = 31.6kΩ
R
CL = ∞
R
CL = 0
R
L = 10Ω
V
S = ±30V
Output Disabled
V
E/S < (V–) + 0.8V
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
25
20
15
10
5
0
Typical production
distribution of
packaged units.
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70


Similar Part No. - OPA547

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA547 TI-OPA547 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
logo
Burr-Brown (TI)
OPA547F BURR-BROWN-OPA547F Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F BURR-BROWN-OPA547F Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com