Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY266GTL Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY266GTL
Description  Enhanced, Energy Efficient, Low Power Off-line Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266GTL Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY266GTL Datasheet HTML 3Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 4Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 5Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 6Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 7Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 8Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 9Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 10Page - Power Integrations, Inc. TNY266GTL Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
TNY263-268
E
4/04
Figure 14. 2.5 W Constant Voltage, Constant Current Battery Charger with Universal Input (85-265 VAC).
PI-2706-040903
+ 5 V
500 mA
RTN
D1
1N4005
C1
3.3 µF
400 V
Fusible
RF1
8.2 Ω
C3
0.1 µF
C7
10 µF
10 V
85-265
VAC
L1
2.2 mH
D2
1N4005
D3
1N4005
D4
1N4005
R2
200 kΩ
U2
LTV817
D5
1N5819
Shield
L2
3.3 µH
C5
330 µF
16 V
C2
3.3 µF
400 V
C6
100 µF
35 V
R7
100 Ω
R4
1.2 Ω
1/2 W
Q1
2N3904
R8
270 Ω
VR1
BZX79-
B3V9
3.9 V
U1
TNY264
C3
2.2 nF
D6
1N4937
R6
1 Ω
1/2 W
T1
R1
1.2 kΩ
18
45
R3
22 Ω
R9
47 Ω
C8 680 pF
Y1 Safety
TinySwitch-II
D
S
BP
EN/UV
The external resistor (2 M
Ω) is connected to the EN/UV pin in
this case to prevent unwanted restarts.
The TinySwitch-II does not require a bias winding to provide
power to the chip, because it draws the power directly from the
DRAIN pin (see Functional Description above). This has two
main benefits. First, for a nominal application, this eliminates
the cost of a bias winding and associated components.
Secondly, for battery charger applications, the current-voltage
characteristic often allows the output voltage to fall close to
zero volts while still delivering power. This type of application
normally requires a forward-bias winding which has many
more associated components. With TinySwitch-II, neither are
necessary. For applications that require a very low no-load
power consumption (50 mW), a resistor from a bias winding to
the BYPASS pin can provide the power to the chip. The
minimum recommended current supplied is 750
µA. The
BYPASS pin in this case will be clamped at 6.3 V. This method
will eliminate the power draw from the DRAIN pin, thereby
reducing the no-load power consumption and improving full-
load efficiency.
Current Limit Operation
Each switching cycle is terminated when the DRAIN current
reaches the current limit of the TinySwitch-II. Current limit
operation provides good line ripple rejection and relatively
constant power delivery independent of input voltage.
BYPASS Pin Capacitor
The BYPASS pin uses a small 0.1
µF ceramic capacitor for
decoupling the internal power supply of the TinySwitch-II.
Application Examples
The TinySwitch-II is ideal for low cost, high efficiency power
supplies in a wide range of applications such as cellular phone
chargers, PC standby, TV standby, AC adapters, motor control,
appliance control and ISDN or a DSL network termination. The
132 kHz operation allows the use of a low cost EE13 or EF12.6
core transformer while still providing good efficiency. The
frequency jitter in TinySwitch-II makes it possible to use a
single inductor (or two small resistors for under 3 W applications
if lower efficiency is acceptable) in conjunction with two input
capacitors for input EMI filtering. The auto-restart function
removes the need to oversize the output diode for short circuit
conditions allowing the design to be optimized for low cost and
maximum efficiency. In charger applications, it eliminates the
need for a second optocoupler and Zener diode for open loop
fault protection. Auto-restart also saves the cost of adding a fuse
or increasing the power rating of the current sense resistors to
survive reverse battery conditions. For applications requiring
under-voltage lock out (UVLO), such as PC standby, the
TinySwitch-II eliminates several components and saves cost.
TinySwitch-II is well suited for applications that require
constant voltage and constant current output. As TinySwitch-II


Similar Part No. - TNY266GTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266GTL POWERINT-TNY266GTL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY266GTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com