Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3502SQ-25 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3502SQ-25
Description  Step-Up Converter for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3502SQ-25 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3502SQ-25 Datasheet HTML 10Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 11Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 12Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 13Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 14Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 15Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 16Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 17Page - National Semiconductor (TI) LM3502SQ-25 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information (Continued)
CONTINUOUS AND DISCONTINUOUS MODES OF
OPERATION
Since the LM3502 is a constant frequency pulse-width-
modulated step-up regulator, care must be taken to make
sure the maximum duty cycle specification is not violated.
The duty cycle equation depends on which mode of opera-
tion the LM3502 is in. The two operational modes of the
LM3502 are continuous conduction mode (CCM) and dis-
continuous conduction mode (DCM). Continuous conduction
mode refers to the mode of operation where during the
switching cycle, the inductor current never goes to and stays
at zero for any significant amount of time during the switch-
ing cycle. Discontinuous conduction mode refers to the
mode of operation where during the switching cycle, the
inductor current goes to and stays at zero for a significant
amount of time during the switching cycle. Figure 6 illus-
trates the threshold between CCM and DCM operation. In
Figure 6, the inductor current is right on the CCM/DCM
operational threshold. Using this as a reference, a factor can
be introduced to calculate when a particular application is in
CCM or DCM operation. R is a CCM/DCM factor we can use
to compute which mode of operation a particular application
is in. If R is
≥ 1, then the application is operating in CCM.
Conversely, if R is < 1, the application is operating in DCM.
The R factor inequalities are a result of the components that
make up the R factor. From Figure 6, the R factor is equal to
the average inductor current, I
L(avg), divided by half the
inductor ripple current,
∆i
L. Using Figure 6 the following
equation can be used to compute R factor:
20131737
20131738
20131739
20131740
V
IN:
Input Voltage.
V
OUT:
Output Voltage.
Eff:
Efficiency of the LM3502.
Fs:
Switching Frequency.
I
OUT:
White LED Current/Load Current.
L:
Inductance Magnitude/Inductor Value.
D:
Duty Cycle for CCM Operation.
∆i
L:
Inductor Ripple Current
I
L(avg): Average Inductor Current
For CCM operation, the duty cycle can be computed with:
20131741
20131742
D:
Duty Cycle for CCM Operation.
V
OUT: Output Voltage.
V
IN:
Input Voltage.
For DCM operation, the duty cycle can be computed with:
20131743
20131736
FIGURE 6. Inductor Current Waveform
www.national.com
14


Similar Part No. - LM3502SQ-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3502SQ-25 NSC-LM3502SQ-25 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-25 TI1-LM3502SQ-25 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502SQ-25/NOPB TI1-LM3502SQ-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502SQ-25NOPB TI1-LM3502SQ-25NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Similar Description - LM3502SQ-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com