Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3488 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3488 Datasheet HTML 1Page - National Semiconductor (TI) LM3488 Datasheet HTML 2Page - National Semiconductor (TI) LM3488 Datasheet HTML 3Page - National Semiconductor (TI) LM3488 Datasheet HTML 4Page - National Semiconductor (TI) LM3488 Datasheet HTML 5Page - National Semiconductor (TI) LM3488 Datasheet HTML 6Page - National Semiconductor (TI) LM3488 Datasheet HTML 7Page - National Semiconductor (TI) LM3488 Datasheet HTML 8Page - National Semiconductor (TI) LM3488 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
45V
FB Pin Voltage
-0.4V < V
FB < 7V
FA/SYNC/SD Pin Voltage
-0.4V <
V
FA/SYNC/SD < 7V
Peak Driver Output Current (<10µs)
1.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
ESD Susceptibilty
Human Body Model (Note 2)
2kV
Lead Temperature
MM Package
Vapor Phase (60 sec.)
Infared (15 sec.)
215˚C
220˚C
DR Pin Voltage
−0.4V
≤ VDR ≤ 8V
I
LIM Pin Voltage
600mV
Operating Ratings (Note 1)
Supply Voltage
2.97V
≤ V
IN
≤ 40V
Junction
Temperature Range
−40˚C
≤ T
J
≤ +125˚C
Switching Frequency
100kHz
≤ F
SW
≤ 1MHz
Electrical Characteristics
Specifications in Standard type face are for T
J = 25˚C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, V
IN = 12V, RFA = 40k
Symbol
Parameter
Conditions
Typical
Limit
Units
V
FB
Feedback Voltage
V
COMP = 1.4V,
2.97
≤ V
IN
≤ 40V
1.26
1.2507/1.24
1.2753/1.28
V
V(min)
V(max)
∆V
LINE
Feedback Voltage
Line Regulation
2.97
≤ V
IN
≤ 40V
0.001
%/V
∆V
LOAD
Output Voltage Load
Regulation
I
EAO Source/Sink
±0.5
%/V (max)
V
UVLO
Input Undervoltage
Lock-out
2.85
2.97
V
V(max)
V
UV(HYS)
Input Undervoltage
Lock-out Hysteresis
170
130
210
mV
mV (min)
mV (max)
F
nom
Nominal Switching
Frequency
R
FA = 40K
400
370
420
kHz
kHz(min)
kHz(max)
R
DS1 (ON)
Driver Switch On
Resistance (top)
I
DR = 0.2A, VIN=5V
16
R
DS2 (ON)
Driver Switch On
Resistance (bottom)
I
DR = 0.2A
4.5
V
DR (max)
Maximum Drive
Voltage Swing(Note 6)
V
IN < 7.2V
V
IN
V
V
IN
≥ 7.2V
7.2
D
max
Maximum Duty
Cycle(Note 7)
100
%
T
min (on)
Minimum On Time
325
230
550
nsec
nsec(min)
nsec(max)
I
SUPPLY
Supply Current
(switching)
(Note 9)
2.0
2.6
mA
mA (max)
I
Q
Quiescent Current in
Shutdown Mode
V
FA/SYNC/SD = 5V(Note
10), V
IN =5V
5
7
µA
µA (max)
V
SENSE
Current Sense
Threshold Voltage
V
IN = 5V
165
140/ 135
195/ 200
mV
mV (min)
mV (max)
www.national.com
3


Similar Part No. - LM3488

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 NSC-LM3488 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI-LM3488 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results

Similar Description - LM3488

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com