Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXL2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RXL2
Description  UHF Multi Channel Transparent Data Link TX/RX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXL2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RXL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Radiometrix Ltd
TXL2/RXL2 Data Sheet
page 6
Condensed specifications
Frequency
433.925MHz – CHAN0 (default channel)
433.285MHz – CHAN1
433.605MHz – CHAN2
434.245MHz – CHAN3
434.565MHz – CHAN4
Frequency stability
±10kHz
Channel width
320kHz
Number of channels
1 of 5, user programmed
Supply Voltage
5V
Current
TXL2:
25mA transmit, 8mA idle (EN active / high, no activity on TXD)
RXL2:
22mA receive/idle
Operating temperature
-20 °C to +70 °C (Storage -30 °C to +70 °C)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Interfaces
0.1" pitch SIL pins
Size
TXL2: 43 x 19 x 7 mm
RXL2: 47 x 17 x 7 mm
TXL2 Transmitter
Output power
10dBm (10mW) ±1dB
TX on switching time
<4ms
Modulation type
16kbps bi-phase FSK
FM peak deviation
+/-25KHz
Adjacent channel TX power
<-37dBm
TX spurious
<-45dBm
RXL2 Receiver
Sensitivity
-107dBm for 1% BER
image
-50dB
spurious / adjacent channel
-65dB
Blocking
-84dB nominal, 75dB worst case
LO re-radiation
<-60dBm
Interface
Data rate
9600baud, Simplex
Format
1 start, 8 data, 1 stop, no parity
Levels
5V CMOS (inverted RS232. Mark = 5V = idle)
Buffers
32 byte FIFO
Flow control
None
Addressing
1 of 8, user programmed
Data latency
14ms (first byte into TX, to first byte out of RX)


Similar Part No. - RXL2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXL2 RADIOMETRIX-RXL2 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
RXL2-433-4 RADIOMETRIX-RXL2-433-4 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
More results

Similar Description - RXL2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT2 RADIOMETRIX-CXT2 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
logo
Integrated Device Techn...
F6103 IDT-F6103 Datasheet
99Kb / 2P
   Common Data Link (CDL) RX IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com