Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXL2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TXL2
Description  UHF Multi Channel Transparent Data Link TX/RX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXL2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TXL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Radiometrix Ltd
TXL2/RXL2 Data Sheet
page 8
The oscilloscope screen capture shows a single byte being transmitted by TXL2. A BiM2-433-64
transceiver is used to capture the transmitted data The character appears on the serial data output
(RXD) pin of the RXL2 after about 12.5ms. Busy (STATUS) pin is momentarily set high to indicate the
presence of a valid data in the receive buffer of the RXL2.
It can be clearly seen that unlike raw radio modules, RXL2 does not output any noise when there is not
any transmission. Data fed into the TXD input of a TXL2 transmitter appears at the RXD output of a
RXL2 receiver within radio range in the original form it was fed.
Figure 7: 16kbps Bi-phase encoded continuous data stream (expanded view)
Continuous serial data at 9600bps (above) is encoded as half-cycles of 8kHz (62.5
µs long bit) and 16kHz
(31.25
µs short bit).
Programming the TXL2/RXL2
In order to use all the functions embedded in the TXL2/RXL2, the user must be aware of the
setup/programming facility, which allow different addresses and frequency channels to be set up, and if
necessary accesses diagnostic test modes.
Both modules are is programmed through the same RS232 port that is used for sending/receiving data.
An RS232 terminal emulator (such as Aterm or HyperTerminal) is an ideal tool.
TXL2 and RXL2 can be put to program mode by pulling the TEST and PGM pins respectively.
The unit will only respond to certain command strings:
ADDR0 to ADDR7 <CR>:
These commands set up one of 8 unique addresses.
CHAN0 to CHAN4 <CR>:
These commands select one of 5 preset channels
A TXL2 will only communicate with an RXL2 unit set to the same address and the same channel.
Address and channel numbers are stored in volatile memory. On power-up both will revert to the
default in EEPROM (as supplied this is always address 0 and Channel 0)
SETPROGRAM <CR>:
Writes the current address and current channel into EEPROM as the
new default.
A tilda character (~, ascii 126dec) sent by the unit indicates end of
EEPROM write sequence


Similar Part No. - TXL2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TXL2 RADIOMETRIX-TXL2 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
TXL2-433-4 RADIOMETRIX-TXL2-433-4 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
TXL2-433-9 RADIOMETRIX-TXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
TRACO Electronic AG
TXL230 TRACOPOWER-TXL230 Datasheet
368Kb / 4P
   AC/DC Enclosed Power Supply TXL 230 Series, 230 Watt
Rev. June 29, 2021
TXL230-125 TRACOPOWER-TXL230-125 Datasheet
368Kb / 4P
   AC/DC Enclosed Power Supply TXL 230 Series, 230 Watt
Rev. June 29, 2021
More results

Similar Description - TXL2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT2 RADIOMETRIX-CXT2 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
logo
Integrated Device Techn...
F6103 IDT-F6103 Datasheet
99Kb / 2P
   Common Data Link (CDL) RX IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com