Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54206AIRTZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54206AIRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AIRTZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54206AIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL54206A
8
FN6515.2
September 30, 2010
FIGURE 5. CAPACITANCE TEST CIRCUIT
FIGURE 6. AUDIO CROSSTALK TEST CIRCUIT
FIGURE 7A. MEASUREMENT POINTS
FIGURE 7B. TEST CIRCUIT
FIGURE 7. SKEW TEST
Test Circuits and Waveforms (Continued)
VDD
C
GND
AUDIO OR USB
COMx
IN
IMPEDANCE
ANALYZER
0V or
Repeat test for all switches.
CTRL
VDD
0V
ANALYZER
VDD
C
L OR R
SIGNAL
GENERATOR
RL
GND
IN
COMx
32Ω
NC
COMx
R OR L
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
CTRL
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COM-
D+
GND
VDD
C
D-
COM+
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Outpu
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Outpu
|tskew_0| Change in Skew through the Switch for Output Signa
|tskew_i| Change in Skew through the Switch for Input Signals
15.8Ω
15.8Ω
143Ω
143Ω
45Ω
45Ω
CTRL
IN
VDD


Similar Part No. - ISL54206AIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AIRTZ-T RENESAS-ISL54206AIRTZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54206AIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com