Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2655MTCX-ADJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2655MTCX-ADJ
Description  2.5A High Efficiency Synchronous Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655MTCX-ADJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2655MTCX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagram
16-Lead TSSOP (MTC)
10128403
Top View
Order Number LM2655MTC-ADJ
See NS Package Number MTC16
Block Diagram
10128404
www.national.com
2


Similar Part No. - LM2655MTCX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2655MTCX-ADJ/NOPB TI-LM2655MTCX-ADJ/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2655MTCX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com