Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2651MTCX-3.3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2651MTCX-3.3
Description  1.5A High Efficiency Synchronous Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2651MTCX-3.3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2651MTCX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2651MTCX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
15V
Feedback Pin Voltage
−0.4V
≤ V
FB
≤ 5V
Power Dissipation (T
A =25˚C),
(Note 2)
893 mW
Junction Temperature Range
−40˚C
≤ T
J
≤ +125˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Susceptibility
Human Body Model (Note 3)
1kV
Operating Ratings (Note 1)
Supply Voltage
4V
≤ V
IN
≤ 14V
LM2651-1.8 System Parameters Specifications in standard type face are for T
J = 25˚C and those with
boldface type apply over full operating junction temperature range. V
IN =10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
Limit
Units
V
OUT
Output Voltage
I
LOAD = 900 mA
1.8
1.761/1.719
1.836/1.854
V
V(min)
V(max)
V
OUT
Output Voltage Line
Regulation
V
IN =4Vto14V
I
LOAD = 900 mA
0.2
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 10 mA to 1.5A
V
IN =5V
1.3
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 200 mA to 1.5A
V
IN =5V
0.3
%
V
HYST
Sleep Mode Output Voltage
Hysteresis
35
mV
LM2651-2.5 System Parameters
Symbol
Parameter
Conditions
Typical
Limit
Units
V
OUT
Output Voltage
I
LOAD = 900 mA
2.5
2.43/2.388
2.574/2.575
V
V(min)
V(max)
V
OUT
Output Voltage Line
Regulation
V
IN =4Vto12V
I
LOAD = 900 mA
0.2
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 10 mA to 1.5A
V
IN =5V
1.3
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 200 mA to 1.5A
V
IN =5V
0.3
%
V
HYST
Sleep Mode Output Voltage
Hysteresis
48
mV
LM2651-3.3 System Parameters
Symbol
Parameter
Conditions
Typical
Limit
Units
V
OUT
Output Voltage
I
LOAD = 900 mA
3.3
3.265/3.201
3.379/3.399
V
V(min)
V(max)
V
OUT
Output Voltage Line
Regulation
V
IN =4Vto14V
I
LOAD = 900 mA
0.2
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 10 mA to 1.5A
V
IN =5V
1.3
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 200 mA to 1.5A
V
IN =5V
0.3
%
V
HYST
Sleep Mode Output Voltage
Hysteresis
60
mV
www.national.com
3


Similar Part No. - LM2651MTCX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651MTCX-3.3 NSC-LM2651MTCX-3.3 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651MTCX-3.3 TI1-LM2651MTCX-3.3 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
LM2651MTCX-3.3/NOPB TI1-LM2651MTCX-3.3/NOPB Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2651MTCX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com