Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2651MTC-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2651MTC-2.5
Description  1.5A High Efficiency Synchronous Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2651MTC-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2651MTC-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2651MTC-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM2651-ADJ System Parameters
(V
OUT = 2.5V unless otherwise specified)
Symbol
Parameter
Conditions
Typical
Limit
Units
V
FB
Feedback Voltage
I
LOAD = 900 mA
1.238
1.200
1.263
V
V(min)
V(max)
V
OUT
Output Voltage Line
Regulation
V
IN =4Vto14V
I
LOAD = 900 mA
0.2
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 10 mA to 1.5A
V
IN =5V
1.3
%
V
OUT
Output Voltage Load
Regulation
I
LOAD = 200 mA to 1.5A
V
IN =5V
0.3
%
V
HYST
Sleep Mode Output Voltage
Hysteresis
24
mV
All Output Voltage Versions
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over full operating junction tem-
perature range. V
IN =10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
Limit
Units
I
Q
Quiescent Current
1.6
2.0
mA
mA(max)
I
QSD
Quiescent Current in
Shutdown Mode
Shutdown Pin Pulled Low
7
12/20
µA
µA(max)
R
SW(ON)
High-Side or Low-Side Switch
On Resistance (MOSFET On
Resistance + Bonding Wire
Resistance)
I
SWITCH = 1A
110
m
R
DS(ON)
MOSFET On Resistance
(High-Side or Low-Side)
I
SWITCH =1A
75
130
m
m
Ω(max)
I
L
Switch Leakage Current - High
Side
130
nA
Switch Leakage Current - Low
Side
130
nA
V
BOOT
Bootstrap Regulator Voltage
I
BOOT = 1 mA
6.75
6.45/6.40
6.95/7.00
V
V(min)
V(max)
G
M
Error Amplifier
Transconductance
1250
µmho
V
INUV
V
IN Undervoltage Lockout
Threshold Voltage
Rising Edge
3.8
3.95
V
V(max)
V
UV-HYST
Hysteresis for the
Undervoltage Lockout
210
mV
I
CL
Switch Current Limit
V
IN =5V
2
1.55
2.60
A
A(min)
A(max)
I
SM
Sleep Mode Threshold Current V
IN = 5V
100
mA
A
V
Error Amplifier Voltage Gain
100
V/V
I
EA_SOURCE
Error Amplifier Source Current
40
25/15
µA
µA(min)
I
EA_SINK
Error Amplifier Sink Current
65
30
µA
µA(min)
V
EAH
Error Amplifier Output Swing
Upper Limit
2.70
2.50/2.40
V
V(min)
www.national.com
4


Similar Part No. - LM2651MTC-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2651MTC-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com