Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54004IRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54004IRTZ
Description  Integrated Audio Amplifier Systems
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54004IRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54004IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54004IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6513.2
October 30, 2007
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Input Voltages
InR, InL, SD, HD, HO, GSO, GS1. . . . . . . -0.3V to (VDD + 0.3V)
Output Voltages
SPK+, SPK-, HpL, HpR . . . . . . . . . . . . . . -0.3V to (VDD + 0.3V)
Continuous Current (VDD, SPK_, Hp_, GND) . . . . . . . . . . . 750mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >200kV
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical, Note 1, 2)
θJA (°C/W) θJC (°C/W)
20 Ld 4x4 TQFN Package . . . . . . . . . .
45
6.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply
Test Conditions: VDD = +5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, SD = GSO = GS1 = VINL,
CREF = 1µF, RL is terminated between SPK+ and SPK- for BTL driver and between Hp_ and
GND for SE drivers, Unless Otherwise Specified (Note 3).
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 5)
TYP
MAX
(Notes 4, 5)
UNITS
GENERAL
Power Supply Range, VDD
Full
2.7
-
5.5
V
Quiescent Supply Current, IDD
HO = VINL or VINH, HD = VINL, RL = None, Inputs AC
coupled to GND (0.1µF)
25
-
4.6
12
mA
Full
-
5.5
-
mA
Shutdown Supply Current, ISD
SD = VINH, HO = VINL or VINH, HD = VINL, RL = 8Ω
(BTL) and RL = 32Ω (SE), Inputs AC coupled to GND
(0.1µF)
25
-
2850mA
Full
-
31
-
mA
Input Resistance, RIN
INS = 0V or VDD
25
-
100
-
k
Ω
Thermal Shutdown, TSD
INS = MIX = 0V or VDD
25
-
150
-
°C
Thermal Shutdown Hysteresis
25
-
10
-
°C
SD to Full Operation, tSD(ON)
Full
-
1
-
ms
Gain Selection Range
Input referred minimum gain
GS0 = GS1 = VINL, RL = 32Ω
SE Amplifiers
HD = VINH
HO = VINL
25
-0.4
0
0.6
dB
Input referred maximum gain
GS0 = GS1 = VINH, RL = 32Ω
25
11.4
12
12.6
dB
Input referred minimum gain
GS0 = GS1 = VINL, RL = 8Ω
BTL Amplifier
HD = VINH
HO = VINH
25
5.2
6
6.6
dB
Input referred maximum gain
GS0 = GS1 = VINH, RL = 8Ω
25
17.2
18
18.6
dB
BTL AMPLIFIER DRIVER, HD = VINH, HO = VINH, UNLESS OTHERWISE SPECIFIED
Output Offset Voltage, VOS
Measured between SPK+ and SPK-, Inputs AC
coupled to GND (0.1µF)
25
-
38
-
mV
Full
-
49
-
mV
Power Supply Rejection Ratio, PSRR VRIPPLE = 200MVP-P,
HD = VINL, RL = 8Ω, Inputs AC
coupled to GND (0.1µF)
FRIPPLE = 217Hz
25
-
49
-
dB
FRIPPLE = 1kHz
25
-
47
-
dB
Output Power, POUT
RL = 8Ω, THD+N = 1%, f = 1kHz
25
-
941
-
mW
RL = 8Ω, THD+N = 10%, f = 1kHz
25
-
1.23
-
W
ISL54004


Similar Part No. - ISL54004IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54004IRTZ RENESAS-ISL54004IRTZ Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
More results

Similar Description - ISL54004IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
logo
Intersil Corporation
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
   Integrated Audio Amplifier Systems
ISL54000 INTERSIL-ISL54000 Datasheet
260Kb / 11P
   Integrated Audio Amplifier Systems
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
[Old version datasheet]   Integrated Audio Amplifier System
logo
National Semiconductor ...
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
   Integrated Audio Amplifier System
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
   Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com