Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2623 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2623
Description  General Purpose, Gated Oscillator Based, DC/DC Boost Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2623 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2623 Datasheet HTML 3Page - National Semiconductor (TI) LM2623 Datasheet HTML 4Page - National Semiconductor (TI) LM2623 Datasheet HTML 5Page - National Semiconductor (TI) LM2623 Datasheet HTML 6Page - National Semiconductor (TI) LM2623 Datasheet HTML 7Page - National Semiconductor (TI) LM2623 Datasheet HTML 8Page - National Semiconductor (TI) LM2623 Datasheet HTML 9Page - National Semiconductor (TI) LM2623 Datasheet HTML 10Page - National Semiconductor (TI) LM2623 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Design Procedure
NON-LINEAR EFFECT
The LM2623 is very similar to the LM2621. The LM2623 is
based on the LM2621, except for the fact that the LM2623
takes advantage of a non-linear effect that allows for the duty
cycle to be programmable. The C3 capacitor is used to dump
charge on the FREQ pin in order to manipulate the duty
cycle of the internal oscillator. The part is being tricked to
behave in a certain manner, in the effort to make this Pulse
Frequency Modulated (PFM) boost switching regulator be-
have as a Pulse Width Modulated (PWM) boost switching
regulator.
CHOOSING THE CORRECT C3 CAPACITOR
The C3 capacitor allows for the duty cycle of the internal
oscillator to be programmable. Choosing the correct C3
capacitor to get the appropriate duty cycle for a particular
application circuit is a trial and error process. The non-linear
effect that C3 produces is dependent on the input voltage
and output voltage values. The correct C3 capacitor for
particular input and output voltage values cannot be calcu-
lated. Choosing the correct C3 capacitance is best done by
trial and error, in conjunction with the checking of the induc-
tor peak current to make sure your not too close to the
current limit of the device. As the C3 capacitor value in-
creases, so does the duty cycle. And conversely as the C3
capacitor value decreases, the duty cycle decreases. An
incorrect choice of the C3 capacitor can result in the part
prematurely tripping the current limit and/or double pulsing,
which could lead to the output voltage not being stable.
SETTING THE OUTPUT VOLTAGE
The output voltage of the step-up regulator can be set by
connecting a feedback resistive divider made of R
F1 and
R
F2. The resistor values are selected as follows:
R
F1 =RF2 * [(VOUT/ 1.24) −1]
A value of 50k to 100k is suggested for R
F2. Then, RF1 can
be selected using the above equation.
V
DD SUPPLY
The Vdd supply must be between 3 to 5 volts for the
LM2623. This voltage can be bootstrapped from a much
lower input voltage by simply connecting the V
DD pin to
V
OUT. In the event that the VDD supply voltage is not a low
ripple voltage source (less than 200 millivolts), it may be
advisable to use an RC filter to clean it up. Excessive ripple
on V
DD may reduce the efficiency.
SETTING THE SWITCHING FREQUENCY
The switching frequency of the oscillator is selected by
choosing an external resistor (R3) connected between V
IN
and the FREQ pin. See the graph titled "Frequency vs V
IN“in
the Typical Performance Characteristics section of the data
sheet for choosing the R3 value to achieve the desired
switching frequency. A high switching frequency allows the
use of very small surface mount inductors and capacitors
and results in a very small solution size. A switching fre-
quency between 300kHz and 2MHz is recommended.
OUTPUT DIODE SELECTION
A Schottky diode should be used for the output diode. The
forward current rating of the diode should be higher than the
peak input current, and the reverse voltage rating must be
higher than the output voltage. Do not use ordinary rectifier
diodes, since slow switching speeds and long recovery times
cause the efficiency and the load regulation to suffer. Table 1
shows a list of the diode manufacturers.
LLP PACKAGE DEVICES
The LM2623 is offered in the 14 lead LLP surface mount
package to allow for increased power dissipation compared
to the MSOP-8. For details of the thermal performance as
well as mounting and soldering specifications, refer to Ap-
plication Note AN-1187.
TABLE 1. Suggested Manufacturers List
Inductors
Capacitors
Diodes
Coilcraft
Tel: (800) 322-2645
Fax: (708) 639-1469
Sprague/ Vishay
Tel: (207) 324-4140
Fax: (207) 324-7223
Motorola
Tel: (800) 521-6274
Fax: (602) 244-6609
Coiltronics
Tel: (407) 241-7876
Fax: (407) 241-9339
Kemet
Tel: (864) 963-6300
Fax: (864) 963-6521
International Rectifier (IR)
Tel: (310) 322-3331
Fax: (310) 322-3332
Pulse Engineering
Tel: (619) 674-8100
Fax: (619) 674-8262
Nichicon
Tel: (847) 843-7500
Fax: (847) 843-2798
General Semiconductor
Tel: (516) 847-3222
Fax: (516) 847-3150
www.national.com
9


Similar Part No. - LM2623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results

Similar Description - LM2623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
[Old version datasheet]   Automotive Gated-Oscillator-Based DC-DC Boost Converter
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
   GENERAL PURPOSE DC-DC CONVERTER
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
   General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com