Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL45042AIRZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL45042AIRZ-T
Description  LCD Module Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042AIRZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL45042AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN6158.3
August 29, 2007
Absolute Maximum Ratings
Thermal Information
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+4V
Input Voltages to GND
SET, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4V
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20V
CTL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +17V
Output Voltages to GND
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20V
ESD Rating
Human Body Model for Device. . . . . . . . . . . . . . . . . . . . . . 2.75kV
Human Body Model for CTL to GND
(no EEPROM Content Disruption) . . . . . . . . . . . . . . . . . . . . . . 8kV
Operating Conditions
Temperature Range
ISL45042AIR . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
8 Ld TDFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
90
Moisture Sensitivity (see Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Erase/Write Cycles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10,000
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . 10 years @ +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
Test Conditions: VDD = 3V, AVDD = 10V, OUT = 5V, RSET = 24.9kΩ; Unless Otherwise Specified.
Typicals are at TA = +25°C
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
DC CHARACTERISTICS
VDD Supply Range
VDD
For Programming
0 to 85
3
-
3.6
V
For Operation
Full
2.6
-
3.6
V
VDD Supply Current
IDD
CE = VDD (Note 6)
Full
-
-
50
µA
CE = GND
Full
-
-
20
µA
AVDD Supply Range
AVDD
Full
4.5
-
20
V
AVDD Supply Current
IAVDD
(Note 3)
Full
-
-
20
µA
CTL High Voltage
CTLIH
2.6V < VDD < 3.6V
Full
0.7*VDD
-0.8*VDD
V
CTL Low Voltage
CTLIL
2.6V < VDD < 3.6V
Full
0.2*VDD
-0.3*VDD
V
CTL High Rejected Pulse Width
CTLIHRPW
Full
20
-
-
µs
CTL Low Rejected Pulse Width
CTLILRPW
Full
20
-
-
µs
CTL High Minimum Pulse Width
CTLIHMPW
Full
-
-
200
µs
CTL Low Minimum Pulse Width
CTLILMPW
Full
-
-
200
µs
CTL Minimum Time Between
Counts
CTLMTC
Full
-
-
10
µs
CTL Input Current
ICTL
CTL = GND
Full
-
-
10
µA
CTL = VDD
Full
-
-
10
µA
CTL Input Capacitance
CTLCAP
(Note 5)
Full
-
10
-
pF
CE Input Low Voltage
CEIL
2.6V < VDD < 3.6V
Full
-
-
0.4
V
CE Input High Voltage
CEIH
2.6V < VDD < 3.6V
Full
0.64*VDD
--
V
CE Minimum Start-Up Time
CEST
(Note 5)
Full
-
1
-
ms
CTL EEPROM Program Voltage
CTLPROM
2.6V < VDD < 3.6V, (Note 2)
Full
4.9
-
15.75
V
ISL45042A


Similar Part No. - ISL45042AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042AIRZ-T INTERSIL-ISL45042AIRZ-T Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042AIRZ-T RENESAS-ISL45042AIRZ-T Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042AIRZ-TK INTERSIL-ISL45042AIRZ-TK Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042AIRZ-TK RENESAS-ISL45042AIRZ-TK Datasheet
442Kb / 8P
   LCD Module Calibrator
More results

Similar Description - ISL45042AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com