Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE28F320C3BC90 Datasheet(PDF) 1 Page - Intel Corporation

Part # GE28F320C3BC90
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F320C3BC90 Datasheet(HTML) 1 Page - Intel Corporation

  GE28F320C3BC90 Datasheet HTML 1Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 2Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 3Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 4Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 5Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 6Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 7Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 8Page - Intel Corporation GE28F320C3BC90 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Intel£ Advanced+ Boot Block Flash
Memory (C3)
28F800C3, 28F160C3, 28F320C3, 28F640C3 (x16)
Datasheet
Product Features
The Intel
® Advanced+ Book Block Flash Memory (C3) device, manufactured on Intel’s latest
0.13
µm and 0.18 µm technologies, represents a feature-rich solution for low-power applications.
The C3 device incorporates low-voltage capability (3 V read, program, and erase) with high-
speed, low-power operation. Flexible block locking allows any block to be independently locked
or unlocked. Add to this the Intel
® Flash Data Integrator (FDI) software and you have a cost-
effective, flexible, monolithic code plus data storage solution. Intel
® Advanced+ Boot Block Flash
Memory (C3) products will be available in 48-lead TSOP, 48-ball CSP, and 64-ball Easy BGA
packages. Additional information on this product family can be obtained by accessing the Intel
®
Flash website: http://www.intel.com/design/flash.
Flexible SmartVoltage Technology
— 2.7 V– 3.6 V Read/Program/Erase
— 12 V for Fast Production Programming
1.65 V–2.5 V or 2.7 V–3.6 V I/O Option
— Reduces Overall System Power
High Performance
— 2.7 V– 3.6 V: 70 ns Max Access Time
Optimized Architecture for Code Plus
Data Storage
— Eight 4 Kword Blocks, Top or Bottom
Parameter Boot
— Up to One Hundred-Twenty-Seven 32
Kword Blocks
— Fast Program Suspend Capability
— Fast Erase Suspend Capability
Flexible Block Locking
— Lock/Unlock Any Block
— Full Protection on Power-Up
— WP# Pin for Hardware Block Protection
Low Power Consumption
— 9 mA Typical Read
— 7 A Typical Standby with Automatic
Power Savings Feature (APS)
Extended Temperature Operation
—–40 °C to +85 °C
128-bit Protection Register
— 64 bit Unique Device Identifier
— 64 bit User Programmable OTP Cells
Extended Cycling Capability
— Minimum 100,000 Block Erase Cycles
Software
—Intel
® Flash Data Integrator (FDI)
— Supports Top or Bottom Boot Storage,
Streaming Data (e.g., voice)
— Intel Basic Command Set
— Common Flash Interface (CFI)
Standard Surface Mount Packaging
— 48-Ball
µBGA*/VFBGA
— 64-Ball Easy BGA Packages
— 48-Lead TSOP Package
ETOX™ VIII (0.13
µm) Flash
Technology
— 16, 32 Mbit
ETOX™ VII (0.18
µm) Flash Technology
— 16, 32, 64 Mbit
ETOX™ VI (0.25
µm) Flash Technology
— 8, 16 and 32 Mbit
Order Number: 290645-017
October 2003
Notice: This specification is subject to change without notice. Verify with your local Intel sales
office that you have the latest datasheet before finalizing a design.


Similar Part No. - GE28F320C3BC90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F320B3BC70 INTEL-GE28F320B3BC70 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GE28F320B3BC90 INTEL-GE28F320B3BC90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GE28F320B3TC70 INTEL-GE28F320B3TC70 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GE28F320B3TC90 INTEL-GE28F320B3TC90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GE28F320J3A-110 INTEL-GE28F320J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - GE28F320C3BC90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com