Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128N-10SI-1.8 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C128N-10SI-1.8
Description  2-wire Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128N-10SI-1.8 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C128N-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 11Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 12Page - ATMEL Corporation AT24C128N-10SI-1.8 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AT24C128/256
0670K–SEEPR–7/03
Device
Addressing
The 128K/256K EEPROM requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (refer to Figure 1). The device address word con-
sists of a mandatory one, zero sequence for the first five most significant bits as shown. This is
common to all 2-wire EEPROM devices.
The 128K/256K uses the two device address bits A1, A0 to allow as many as four devices on
the same bus. These bits must compare to their corresponding hardwired input pins. The A1
and A0 pins use an internal proprietary circuit that biases them to a logic low condition if the
pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is
initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not
made, the device will return to a standby state.
DATA SECURITY: The AT24C128/256 has a hardware data protection scheme that allows the
user to write protect the whole memory when the WP pin is at VCC.
Write
Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit
data word, the EEPROM will output a zero. The addressing device, such as a microcontroller,
then must terminate the write sequence with a stop condition. At this time the EEPROM enters
an internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during
this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 2).
PAGE WRITE: The 128K/256K EEPROM is capable of 64-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a
stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 63 more data words. The
EEPROM will respond with a zero after each data word received. The microcontroller must ter-
minate the page write sequence with a stop condition (refer to Figure 3).
The data word address lower 6 bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the
following byte is placed at the beginning of the same page. If more than 64 data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten. The address “roll over” during write is from the last byte of the current page to the
first byte of the same page.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond
with a zero, allowing the read or write sequence to continue.


Similar Part No. - AT24C128N-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128N-10SI-1.8 ATMEL-AT24C128N-10SI-1.8 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128N-10SI-1.8 ATMEL-AT24C128N-10SI-1.8 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C128N-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com