Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE426HR8180JR06L2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHE426HR8180JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE426HR8180JR06L2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHE426HR8180JR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE426HR8180JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
208
TYPICAL DATA
PHE426
∆C/C%
+1
0.1
1.0
10
100 kHz
0
-1
-2
∆C/C%
+4
-50 -25
0
+25 +50 +75 +100
°C
+2
0
-2
tan
δ %
1
0.1
1.0
10
100 kHz
0.1
0.01
tan
δ %
0.04
-50 -25
0
+25 +50 +75 +100
°C
0.03
0.02
0.01
M
Ω • µF
106
105
-50 -25
0
+25 +50 +75 +100
°C
Z (
Ω)
10
0.1
1.0
10
100 MHz
1.0
0.1
0.01
Z (
Ω)
10
MHz
1.0
0.1
0.01
1
10
100
1000
Capacitance vs. temperature (at 1 kHz)
Capacitance vs. frequency (at +23°C)
Insulation resistance vs. temperature
Dissipation factor
vs. temperature (at 1 kHz)
Dissipation factor
vs. frequency (at +23°C)
Resonance frequencies PHE 426
Lead spacing 5 mm
Resonance frequencies PHE 426
Lead spacing 7.5 to 37.5 mm


Similar Part No. - PHE426HR8180JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426HR8180JR06L2 KEMET-PHE426HR8180JR06L2 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426HR8180JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com