Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128-10PI-1.8 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C128-10PI-1.8
Description  2-wire Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128-10PI-1.8 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C128-10PI-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C128-10PI-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
AT24C128/256
0670K–SEEPR–7/03
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open collector
devices.
DEVICE/PAGE ADDRESSES (A1, A0): The A1 and A0 pins are device address inputs that
are hardwired or left not connected for hardware compatibility with AT24C32/64. When the
pins are hardwired, as many as four 128K/256K devices may be addressed on a single bus
system (device addressing is discussed in detail under the Device Addressing section). When
the pins are not hardwired, the default A1 and A0 are zero.
WRITE PROTECT (WP): The write protect input, when tied to GND, allows normal write oper-
ations. When WP is tied high to VCC, all write operations to the memory are inhibited. If left
unconnected, WP is internally pulled down to GND. Switching WP to VCC prior to a write oper-
ation creates a software write protect function.
Memory
Organization
AT24C128/256, 128K/256K SERIAL EEPROM: The 128K/256K is internally organized as
256/512 pages of 64-bytes each. Random word addressing requires a 14/15-bit data word
address.


Similar Part No. - AT24C128-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128-10PI-1.8 ATMEL-AT24C128-10PI-1.8 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128-10PI-1.8 ATMEL-AT24C128-10PI-1.8 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
More results

Similar Description - AT24C128-10PI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com