Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL43210IHZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL43210IHZ-T
Description  Low-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43210IHZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL43210IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL43210IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6563.2
October 30, 2007
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
μA
Electrical Specifications - 12V Supply
Test Conditions: V+ = +10.8V to +13V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 10.8V, ICOM = 1.0mA, VNO or VNC = 10V
25
-
11
20
Ω
Full
-
15
25
Ω
rON Matching Between Channels,
ΔrON
V+ = 12V, ICOM = 1.0mA, VNO or VNC = 10V
25
-
0.8
2
Ω
Full
-
1
4
Ω
rON Flatness, RFLAT(ON)
V+ = 12V, ICOM = 1.0mA, VNO or VNC = 3V, 6V, 9V
(Note 7)
25
-
1
4
Ω
Full
-
-
6
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13V, VCOM = 1V, 12V, VNO or VNC = 12V, 1V
25
-3
0.01
3
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13V, VCOM = 12V, 1V, VNO or VNC = 1V, 12V
25
-3
0.01
3
nA
Full
-5
-
5
nA
COM ON Leakage Current, ICOM(ON) V+ = 13V, VCOM = 1V, 12V, or VNO or VNC = 1V,
12V or floating
25
-5
-
5
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 10V, RL = 1kΩ, CL = 35pF,
VIN =0V to 4V
25
-
25
-
ns
Full
-
35
-
ns
Turn-OFF Time, tOFF
VNO or VNC = 10V, RL = 1kΩ, CL = 35pF, VIN = 0V
to 4V
25
-
17
-
ns
Full
-
26
-
ns
Break-Before-Make Time Delay, tD
RL = 300Ω, CL = 35pF, VNO or VNC = 10V,
VIN = 0V to 4V
Full
-
2
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
5
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
76
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
-105
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
63
-
dB
NO or NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM OFF Capacitance, CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
28
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 13V, VIN = 0V or V+, all channels on or off
Full
-1
-
1
µA
Electrical Specifications - 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ISL43210


Similar Part No. - ISL43210IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43210IHZ-T INTERSIL-ISL43210IHZ-T Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL43210IHZ-T RENESAS-ISL43210IHZ-T Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results

Similar Description - ISL43210IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210AIHZ-T INTERSIL-ISL43210AIHZ-T Datasheet
554Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
June 24, 2011
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4599 MAXIM-MAX4599 Datasheet
128Kb / 8P
   Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
Rev 0; 2/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com