Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C235A-25PC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C235A-25PC
Description  1K x 8 Registered PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C235A-25PC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C235A-25PC Datasheet HTML 1Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 2Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 3Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 4Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 5Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 6Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 7Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 8Page - Cypress Semiconductor CY7C235A-25PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C235A
4
Switching Waveforms[5]
Programming Information
Programming support is available from Cypress as well as
from a number of third-party software vendors. For detailed
programming information, including a listing of software pack-
ages, please see the PROM Programming Information located
at the end of this section. Programming algorithms can be ob-
tained from any Cypress representative.
Switching Characteristics Over Operating Range[3, 5]
7C235A-18
7C235A-25
7C235A-30
7C235A-40
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tSA
Address Set-Up to Clock HIGH
18
25
30
40
ns
tHA
Address Hold from Clock HIGH
0
0
0
0
ns
tCO
Clock HIGH to Valid Output
12
12
15
20
ns
tPWC
Clock Pulse Width
12
12
15
20
ns
tSES
ES Set-Up to Clock HIGH
10
10
10
15
ns
tHES
ES Hold from Clock HIGH
5
5
5
5
ns
tDI
Delay from INIT to Valid Output
20
25
25
35
ns
tRI
INIT Recovery to Clock HIGH
15
20
20
20
ns
tPWI
INIT Pulse Width
15
20
20
25
ns
tCOS
Inactive to Valid Output from Clock HIGH[7]
15
20
20
25
ns
tHZC
Inactive Output from Clock HIGH[7]
15
20
20
25
ns
tDOE
Valid Output from E LOW
15
20
20
25
ns
tHZE
Inactive Output from E HIGH
15
20
20
25
ns
Notes:
7.
Applies only when the synchronous (ES) function is used.
tDI
tCO
tDOE
tHZE
tHZC
tSA
tHA
tHES
tSES
C235A-7
tPWC
tPWC
tPWC
tPWC
tPWC
tPWC
tHA
tCO
tCOS
O0 − O7
A0 − A10
INIT
CP
ES
E
tRI
tPWI
tHES
tSES
tHES
tSES


Similar Part No. - CY7C235A-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A-25PC CYPRESS-CY7C235A-25PC Datasheet
211Kb / 10P
   1K x 8 Registered PROM
More results

Similar Description - CY7C235A-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
CY7C265 CYPRESS-CY7C265_06 Datasheet
591Kb / 13P
   8K x 8 Registered PROM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com