Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM481M1684VTB-7FE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM481M1684VTB-7FE
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM481M1684VTB-7FE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM481M1684VTB-7FE Datasheet HTML 1Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 2Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 3Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 4Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 5Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 6Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 7Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 8Page - List of Unclassifed Manufacturers EM481M1684VTB-7FE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
eorex
EM48AM1684VTB
Apr. 2007
www.eorex.com
256Mb (4M
×4Bank×16) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 3.3V
±0.3V Power Supply
• LVTTL Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms (7.8us)
Description
The EM48AM1684VTB is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
4Meg words x 4 banks by 16 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 256Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVTTL.
Available packages: TSOPII 54P 400mil.
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM48AM1684VTB-75F
16M X 16
133MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM48AM1684VTB-7F
16M X 16
143MHz @CL3
54pin TSOP(ll)
Commercial
Free
EM48AM1684VTB-75FE
16M X 16
133MHz @CL3
54pin TSOP(ll)
Extended
Free
EM48AM1684VTB-7FE
16M X 16
143MHz @CL3
54pin TSOP(ll)
Extended
Free
* EOREX reserves the right to change products or specification without notice.
1/17


Similar Part No. - EM481M1684VTB-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1684VTB-7FE EOREX-EM481M1684VTB-7FE Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results

Similar Description - EM481M1684VTB-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTG EOREX-EM48AM1684VTG Datasheet
480Kb / 20P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBD EOREX-EM48AM1684VBD Datasheet
677Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA_09 Datasheet
660Kb / 18P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1644LBB EOREX-EM48AM1644LBB Datasheet
701Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTC ETC2-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VTC EOREX-EM48AM1684VTC Datasheet
702Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBA EOREX-EM48AM1684VBA Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com