Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C128 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C128
Description  2-wire Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C128 Datasheet HTML 1Page - ATMEL Corporation AT24C128 Datasheet HTML 2Page - ATMEL Corporation AT24C128 Datasheet HTML 3Page - ATMEL Corporation AT24C128 Datasheet HTML 4Page - ATMEL Corporation AT24C128 Datasheet HTML 5Page - ATMEL Corporation AT24C128 Datasheet HTML 6Page - ATMEL Corporation AT24C128 Datasheet HTML 7Page - ATMEL Corporation AT24C128 Datasheet HTML 8Page - ATMEL Corporation AT24C128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT24C128/256
0670K–SEEPR–7/03
AC Characteristics
Notes:
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
RL (connects to VCC): 1.3 kΩ (2.5V, 5V), 10 kΩ (1.8V)
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times:
≤50 ns
Input and output timing reference voltages: 0.5 V
CC
3. The AT24C128/256 bearing the process letter “B” in the package marking (lower right corner on the top side of the package),
guarantees 1 million write cycle endurance (1.8 - 3.6V).
Applicable over recommended operating range from TAI = -40°C to +85°C, VCC = +1.8V to +5.5V, CL = 100 pF (unless oth-
erwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.8-volt
2.5-volt
5.0-volt
Units
Min
Max
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
100
400
1000
kHz
tLOW
Clock Pulse Width Low
4.7
1.3
0.4
µs
t
HIGH
Clock Pulse Width High
4.0
0.6
0.4
µs
t
AA
Clock Low to Data Out Valid
0.1
4.5
0.05
0.9
0.05
0.55
µs
tBUF
Time the bus must be free before a new
transmission can start
(1)
4.7
1.3
0.5
µs
tHD.STA
Start Hold Time
4.0
0.6
0.25
µs
tSU.STA
Start Set-up Time
4.7
0.6
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
0
µs
t
SU.DAT
Data In Set-up Time
200
100
100
ns
t
R
Inputs Rise Time
(1)
1.0
0.3
0.3
µs
tF
Inputs Fall Time
(1)
300
300
100
ns
tSU.STO
Stop Set-up Time
4.7
0.6
0.25
µs
tDH
Data Out Hold Time
100
50
50
ns
t
WR
Write Cycle Time
20
10
10
ms
Endurance
(1)
5.0V, 25°C, Page Mode
1,000,000
(3)
Write
Cycles


Similar Part No. - AT24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128-10CC ATMEL-AT24C128-10CC Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
More results

Similar Description - AT24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com