Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8734A Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX8734A
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8734A Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX8734A Datasheet HTML 14Page - Maxim Integrated Products MAX8734A Datasheet HTML 15Page - Maxim Integrated Products MAX8734A Datasheet HTML 16Page - Maxim Integrated Products MAX8734A Datasheet HTML 17Page - Maxim Integrated Products MAX8734A Datasheet HTML 18Page - Maxim Integrated Products MAX8734A Datasheet HTML 19Page - Maxim Integrated Products MAX8734A Datasheet HTML 20Page - Maxim Integrated Products MAX8734A Datasheet HTML 21Page - Maxim Integrated Products MAX8734A Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
18
______________________________________________________________________________________
These internal blocks are not powered directly from the
battery. Instead, the 5V (LDO5) linear regulator steps
down the battery voltage to supply both internal circuit-
ry and the gate drivers. The synchronous-switch gate
drivers are directly powered from LDO5, while the high-
side switch gate drivers are indirectly powered from
LDO5 through an external diode-capacitor boost cir-
cuit. An automatic bootstrap circuit turns off the 5V lin-
ear regulator and powers the device from OUT5 when
OUT5 is above 4.56V.
Free-Running, Constant On-Time PWM
Controller with Input Feed-Forward
The Quick-PWM control architecture is a pseudo-fixed-
frequency, constant on-time, current-mode type with
voltage feed-forward. The Quick-PWM control architec-
ture relies on the output ripple voltage to provide the
PWM ramp signal; thus, the output filter capacitor’s
ESR acts as a current-feedback resistor. The high-side
switch on-time is determined by a one-shot whose peri-
od is inversely proportional to input voltage and directly
proportional to output voltage. Another one-shot sets a
minimum off-time (300ns typ). The on-time, one-shot
triggers when the following conditions are met: the error
comparator is low, the synchronous rectifier current is
below the current-limit threshold, and the minimum off-
time one-shot has timed out.
On-Time, One-Shot (tON)
Each PWM core includes a one-shot that sets the high-
side switch on-time for each controller. Each fast, low-
jitter, adjustable one-shot includes circuitry that varies
the on-time in response to battery and output voltage.
The high-side switch on-time is inversely proportional to
the battery voltage as measured by the V+ input, and
proportional to the output voltage. This algorithm results
in a nearly constant switching frequency despite the
lack of a fixed-frequency clock generator. The benefit
of a constant switching frequency is the frequency can
be selected to avoid noise-sensitive frequency regions:
See Table 2 for approximate K-factors. The constant
0.075V is an approximation to account for the expected
drop across the synchronous-rectifier switch. Switching
frequency increases as a function of load current due
to the increasing drop across the synchronous rectifier,
which causes a faster inductor-current discharge ramp.
On-times translate only roughly to switching frequen-
cies. The on-times guaranteed in the Electrical
Characteristics are influenced by switching delays in
the external high-side power MOSFET. Also, the dead-
time effect increases the effective on-time, reducing the
switching frequency. It occurs only in PWM mode (SKIP
= VCC) and during dynamic output voltage transitions
when the inductor current reverses at light or negative
load currents. With reversed inductor current, the
inductor’s EMF causes LX to go high earlier than nor-
mal, extending the on-time by a period equal to the DH-
rising dead time.
For loads above the critical conduction point, the actual
switching frequency is:
where VDROP1 is the sum of the parasitic voltage drops
in the inductor discharge path, including synchronous
rectifier, inductor, and PC board resistances; VDROP2 is
the sum of the parasitic voltage drops in the charging
path, including high-side switch, inductor, and PC
board resistances, and tON is the on-time calculated by
the MAX8732A/MAX8733A/MAX8734A.
Automatic Pulse-Skipping Switchover
(Idle Mode)
In Idle Mode (SKIP = GND), an inherent automatic
switchover to PFM takes place at light loads. This
switchover is affected by a comparator that truncates
the low-side switch on-time at the inductor current’s
zero crossing. This mechanism causes the threshold
between pulse-skipping PFM and nonskipping PWM
operation to coincide with the boundary between con-
f
VV
tV
V
OUT
DROP
ON
DROP
=
+
++
()
1
2
t
KV
V
V
ON
OUT
=
+
()
+
0 075
.
SMPS
SWITCHING FREQUENCY
(kHz)
K-FACTOR (µs)
APPROXIMATE K-
FACTOR ERROR (%)
MAX8732A/MAX8734A (tON = VCC), 5V
200
5.0
±10
MAX8732A/MAX8734A (tON = VCC), 3.3V
300
3.3
±10
MAX8733A/MAX8734A (tON = GND), 5V
400
2.5
±10
MAX8733A/MAX8734A (tON = GND), 3.3V
500
2.0
±10
Table 2. Approximate K-Factor Errors


Similar Part No. - MAX8734A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8734 MAXIM-MAX8734 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8734EEI MAXIM-MAX8734EEI Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
More results

Similar Description - MAX8734A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com