Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9352 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9352
Description  INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9352 Datasheet HTML 4Page - STMicroelectronics L9352 Datasheet HTML 5Page - STMicroelectronics L9352 Datasheet HTML 6Page - STMicroelectronics L9352 Datasheet HTML 7Page - STMicroelectronics L9352 Datasheet HTML 8Page - STMicroelectronics L9352 Datasheet HTML 9Page - STMicroelectronics L9352 Datasheet HTML 10Page - STMicroelectronics L9352 Datasheet HTML 11Page - STMicroelectronics L9352 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
L9352
8/21
1.0
Functional Description
1.1
Overview
The L9352 is designed to drive inductive loads (relays, electromagnetic valves) in low side configuration. Inte-
grated active Zener-clamp (for channel1 and 2) or free wheeling diodes (for channel 3 and 4) allow the recircu-
lation of the inductive loads. All four channels are monitored with a status output. All wiring to the loads and
supply pins of the device are controlled. The device is self-protected against short circuit at the outputs and over-
temperature. For each channel one independent push-pull status output is used for a parallel diagnostic func-
tion.
Channel 3 and 4 work as current regulator. A PWM signal on the input defines the target output current. The
output current is controlled through the output PWM of the power stage. The regulator limits of 10% or 90% are
detected and monitored with the status signal. The current is measured during recirculation phase of the load.
A test mode compares the differences between the two regulators. This “drift” test compares the output PWM
of the regulators. By this feature a drift of the load during lifetime can be detected.
1.2
Input Circuits
The INput, CLK, TEST and ENable inputs, are active high, consist of Schmidt triggers with hysteresis. All inputs
are connected to pull-down current sources.
1.3
Output Stages (not regulated) Channel 1 and 2
The two power outputs (5A) consist of DMOS-power transistors with open drain output. The output stages are
protected against short circuit. Via integrated Zener-clamp-diodes the overvoltage of the inductive loads due to
recirculation are clamped to typ. 52V for fast shut off of the valves. Parallel to the DMOS transistors there are
internal pull-down current sources. They are provided to assure an open load condition in the OFF-state. With
EN=low this current source is switched off, but the open load comparator is still active.
1.4 Current-Regulator-Stages Channel 3 and 4
The current-regulator channels are designed to drive inductive loads. The target value of the current is given by
the duty cycle (DC) of the 2kHz PWM input signal. The following figure shows the relation between the input
PWM and the output current and the specified accuracy.
Figure 3. Input PWM to output current range
10
90
250
2250
INPUT PWM[%]
400
800
±10%
+- 6%
+-10%


Similar Part No. - L9352

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
L9352B-DIE1 STMICROELECTRONICS-L9352B-DIE1 Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
L9352B-LF STMICROELECTRONICS-L9352B-LF Datasheet
334Kb / 27P
   Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
L9352B-TR-LF STMICROELECTRONICS-L9352B-TR-LF Datasheet
334Kb / 27P
   Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
L9352 STMICROELECTRONICS-L9352_08 Datasheet
326Kb / 27P
   Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
More results

Similar Description - L9352

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
   Quad intelligent power low side switch
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
   Quad Intelligent High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com