Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HF1600 Datasheet(PDF) 6 Page - International Rectifier

Part # 40HF1600
Description  STANDARD RECOVERY DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40HF1600 Datasheet(HTML) 6 Page - International Rectifier

  40HF1600 Datasheet HTML 1Page - International Rectifier 40HF1600 Datasheet HTML 2Page - International Rectifier 40HF1600 Datasheet HTML 3Page - International Rectifier 40HF1600 Datasheet HTML 4Page - International Rectifier 40HF1600 Datasheet HTML 5Page - International Rectifier 40HF1600 Datasheet HTML 6Page - International Rectifier 40HF1600 Datasheet HTML 7Page - International Rectifier 40HF1600 Datasheet HTML 8Page - International Rectifier 40HF1600 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
40HF(R) Series
6
Bulletin I20201 rev. C 03/04
www.irf.com
Fig. 7 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
25
50
75 100 125 150 175 200
3 K/W
5 K/W
10 K/W
7 K/W
0
5
10
15
20
25
30
35
40
45
50
0
10203040
RMS Limit
Conduction Angle
180˚
120˚
90˚
60˚
30˚
40HF(R) Series
(1400V, 1600V)
Tj = 160˚C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
40
80
120
160
0
0
0
0
0
0
0
0
10 K/W
1.5
K/W
2 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
70
0
10203040506070
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
40HF(R) Series
(1400V, 1600V)
Tj = 160˚C
0
40
80
120
160
200
10 K/W
3 K/W
5 K/W
7 K/W
0
10
20
30
40
50
60
0
10203040506070
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
40HF(R) Series
(100V to 1200V)
Tj = 190˚C


Similar Part No. - 40HF1600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40HF160 VISHAY-40HF160 Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
logo
Naina Semiconductor ltd...
40HF160 NAINA-40HF160 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40HF160 NAINA-40HF160 Datasheet
77Kb / 1P
   SILICON POWER DIODES
logo
New Jersey Semi-Conduct...
40HF160 NJSEMI-40HF160 Datasheet
123Kb / 4P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
40HF160M VISHAY-40HF160M Datasheet
123Kb / 7P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 23-Jun-08
More results

Similar Description - 40HF1600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com