Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC910 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2CC910
Description  1:10 Clock Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910 Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY2CC910_05 Datasheet HTML 1Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 2Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 3Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 4Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 5Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 6Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 7Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 8Page - Cypress Semiconductor CY2CC910_05 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *B
Page 8 of 9
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimensions
VOI is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks
of their respective holders.
PIN1ID
SEATING PLANE
0.497[12.623]
0.513[13.030]
1
10
11
20
*
*
*
DIMENSIONS IN INCHES [MM]
MIN.
MAX.
0.291[7.391]
0.300[7.620]
0.394[10.007]
0.419[10.642]
0.050[1.270]
TYP.
0.092[2.336]
0.105[2.667]
0.004[0.101]
0.0118[0.299]
0.0091[0.231]
0.0125[0.317]
0.015[0.381]
0.050[1.270]
0.013[0.330]
0.019[0.482]
0.026[0.660]
0.032[0.812]
0.004[0.101]
REFERENCE JEDEC MO-119
PART #
S20.3 STANDARD PKG.
SZ20.3 LEAD FREE PKG.
PACKAGE WEIGHT 0.55 gms
51-85024-*B
20-Lead (300-Mil) SOIC S5
51-85077-*C
20-pin Shrunk Small Outline Package O20


Similar Part No. - CY2CC910_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC910_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910 Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com