9 / 9 page
CY2CC810
Document #: 38-07056 Rev. *E
Page 9 of 9
Document History Page
Document Title: CY2CC810 1:10 Clock Fanout Buffer
Document #: 38-07056
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
107081
06/07/01
IKA
Convert from IMI to Cypress
*A
114315
05/09/02
TSM
∆ I
DD Validation
*B
119117
10/07/02
RGL
Added 5.8 as the Max. value of VIH in the DC Electrical Characteristics
@3.3V table.
Changed the Max. value of VIH from 1.8 to 5.0 in the DC Electrical Charac-
teristics @2.5V table.
*C
122743
12/14/02
RBI
Added power up requirements to maximum ratings information.
*D
387761
See ECN
RGL
Added typical values
Updated jitter and skew specs.
Removed devices with SOIC package
Added Lead-free SSOP package
*E
499991
See ECN
RGL
Added tpu parameter in the Power Supply Characteristics table