Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMIC9530CYT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # IMIC9530CYT
Description  PCIX I/O System Clock Generator with EMI Control Features
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIC9530CYT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button IMIC9530CYT Datasheet HTML 3Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 4Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 5Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 6Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 7Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 8Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 9Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 10Page - Cypress Semiconductor IMIC9530CYT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
C9530
Document #: 38-07033 Rev. *C
Page 7 of 11
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD,VDDP
Core Supply Voltage
–0.5
4.6
V
VDDA
Analog Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to V SS
–0.5
VDD + 0.5
VDC
TS
Temperature, Storage
Non Functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
15
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
45
°C/W
UL–94
Flammability Rating
At 1/8 in.
V – 0
MSL
Moisture Sensitivity Level
1
Multiple Supplies:
The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD, VDDA,
VDDB
3.3 Operating Voltage
3.3V ± 5%
3.135
3.465
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
VIL
Input Low Voltage
S(A,B)O, S(A,B)1, OE(A,B)
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VDD + 0. 5
V
IIL
Input Leakage Current
except pull-ups or pull-downs
0<VIN < VDD
–5
5
µA
VOL
Output Low Voltage
IOL = 1 mA
0.4
V
VOH
Output High Voltage
IOH = –1 mA
2.4
V
IOZ
High-Impedance Output Current
–10
10
µA
CIN
Input Pin Capacitance
2
5
pF
COUT
Output Pin Capacitance
3
6
pF
LIN
Pin Inductance
7
nH
CXTAL
Crystal Pin Capacitance
From XIN and XOUT pins to
ground
32
38
pF
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3VDD
V
IDD
Dynamic Supply Current
At 133 MHz and all outputs
loaded per Table 8
300
mA
IPD
Power-down Supply Current
PD# Asserted
1
mA
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
TDC
XIN Duty Cycle
The device will operate
reliably with input duty cycles
up to 30/70%.
45
55
%
XINFREQ
XIN Frequency
When Xin is driven from an
external clock source
25
33.3
MHz


Similar Part No. - IMIC9530CYT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
IMIC9530CYT SILABS-IMIC9530CYT Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - IMIC9530CYT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9531 SILABS-C9531 Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com