Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9530 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # C9530
Description  PCIX I/O System Clock Generator with EMI Control Features
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9530 Datasheet(HTML) 3 Page - Cypress Semiconductor

  C9530 Datasheet HTML 1Page - Cypress Semiconductor C9530 Datasheet HTML 2Page - Cypress Semiconductor C9530 Datasheet HTML 3Page - Cypress Semiconductor C9530 Datasheet HTML 4Page - Cypress Semiconductor C9530 Datasheet HTML 5Page - Cypress Semiconductor C9530 Datasheet HTML 6Page - Cypress Semiconductor C9530 Datasheet HTML 7Page - Cypress Semiconductor C9530 Datasheet HTML 8Page - Cypress Semiconductor C9530 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
C9530
Document #: 38-07033 Rev. *C
Page 3 of 11
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initialize to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required.
Data Protocol
The clock driver serial protocol accepts block write a opera-
tions from the controller. The bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. The C9530 does not support the Block Read
function.
The block write protocol is outlined in Table 2. The addresses
are listed in Table 3.
Serial Control Registers
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Bit
Description
1Start
2:8
Slave address – 7 bits
9
Write = 0
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘00000000’ stands for block operation
19
Acknowledge from slave
20:27
Byte Count – 8 bits
28
Acknowledge from slave
29:36
Data byte 1 – 8 bits
37
Acknowledge from slave
38:45
Data byte 2 – 8 bits
46
Acknowledge from slave
....
......................
....
Data Byte (N–1) – 8 bits
....
Acknowledge from slave
....
Data Byte N – 8 bits
....
Acknowledge from slave
....
Stop
Table 3. SMBus Address Selection Table
SMBus Address of the Device
IA0 Bit (Pin 10)
IA1 Bit (Pin 11)
IA2 Bit (Pin 12)
DE
0
0
0
DC
1
0
0
DA
0
1
0
D8
1
1
0
D6
0
0
1
D4
1
0
1
D0
0
1
1
D2
1
1
1
Byte 0: Function Select Register
Bit
@Pup
Name
Description
7
1
TESTEN
Test Mode Enable.
1 = Normal operation, 0 = Test mode
6
0
SSEN
Spread Spectrum modulation control bit (effective only when Bit 0 of this register is set to
a 0) 0 = OFF, 1= ON
5
1
SSSEL
SSCG Spread width select. 1 = 0.5%, 0 = 1.0% See Table 4 below for clarification
4
0
S1
SB1 Bank MSB frequency control bit (effective only when Bit 0 of this register is set to a 0)
3
0
S0
SB0 Bank LSB frequency control bit (effective only when Bit 0 of this register is set to a 0)
2
0
SA1 Bank MSB frequency control bit (effective only when Bit 0 of this register is set to a 0)


Similar Part No. - C9530

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - C9530

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9531 SILABS-C9531 Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com