Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93WD463SBT Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # S93WD463SBT
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD463SBT Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button S93WD463SBT Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 11Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 12Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 13Page - Summit Microelectronics, Inc. S93WD463SBT Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
S93WD462/S93WD463
2029-01 4/14/98
.228 (5.80)
.244 (6.20)
.016 (.40)
.035 (.90)
.020 (.50)
.010 (.25)
x45
°
.0192 (.49)
.0138 (.35)
.061 (1.75)
.053 (1.35)
.0098 (.25)
.004 (.127)
.05 (1.27) TYP.
.275 (6.99) TYP.
.030 (.762) TYP.
8 Places
.050 (1.27) TYP.
.050 (1.270) TYP.
8 Places
.157 (4.00)
.150 (3.80)
.196 (5.00)
1
.189 (4.80)
FOOTPRINT
8pn JEDEC SOIC ILL.2
.375
(9.525)
PIN 1 INDICATOR
.015 (.381) Min.
.130 (3.302)
.100 (2.54)
TYP.
.018 (.457)
TYP.
.060
± .005
(1.524)
± .127
TYP.
.130 (3.302)
SEATING PLANE
.070 (1.778)
.0375 (0.952)
.300 (7.620)
5
°-7°TYP.
(4 PLCS)
.350 (8.89)
.009
± .002
(.229
± .051)
0
°-15°
.250
(6.350)
8pn PDIP/P ILL.3
8 Pin SOIC (Type S) Package JEDEC (150 mil body width)
8 Pin PDIP (Type P) Package


Similar Part No. - S93WD463SBT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD463SBT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com