Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93WD463SAT Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # S93WD463SAT
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD463SAT Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button S93WD463SAT Datasheet HTML 3Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 10Page - Summit Microelectronics, Inc. S93WD463SAT Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
S93WD462/S93WD463
2029-01 4/14/98
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................................................................................................................................... –55
°C to +125°C
Storage Temperature ......................................................................................................................................... –65
°C to +150°C
Voltage on any Pin with Respect to Ground(1) ............................................................................................. –2.0V to +VCC +2.0V
VCC with Respect to Ground .................................................................................................................................. –2.0V to +7.0V
Package Power Dissipation Capability (Ta = 25
°C) ............................................................................................................. 1.0W
Lead Soldering Temperature (10 secs) .............................................................................................................................. 300
°C
Output Short Circuit Current(2) ........................................................................................................................................... 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to
any absolute maximum rating for extended periods may affect device performance and reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
D.C. OPERATING CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
Power Supply Current
3
mA
DI = 0.0V, fSK = 1MHz
(Operating)
VCC = 5.0V, CS = 5.0V,
Output Open
ISB
Power Supply Current
50
µA
CS = 0V
(Standby)
Reset Outputs Open
ILI
Input Leakage Current
2
µAVIN = 0V to VCC
ILO
Output Leakage Current
10
µAVOUT = 0V to VCC,
(Including ORG pin)
CS = 0V
VIL1
Input Low Voltage
-0.1
0.8
V
4.5V
≤VCC<5.5V
VIH1
Input High Voltage
2
VCC+1
V
VIL2
Input Low Voltage
0
VCCX0.2
V
1.8V
≤VCC<2.7V
VIH2
Input High Voltage
VCCX0.7
VCC+1
V
VOL1
Output Low Voltage
0.4
V
4.5V
≤VCC<5.5V
VOH1
Output High Voltage
2.4
V
IOL = 2.1mA
IOH = -400
µA
VOL2
Output Low Voltage
0.2
V
1.8V
≤VCC<2.7V
VOH2
Output High Voltage
VCC-0.2
V
IOL = 1mA
IOH = -100
µA
2029 PGM T3.0
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
1,000,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
2029 PGM T2.1
Temperature
Min
Max
Commercial
0
°C
+70
°C
Industrial
-40
°C
+85
°C
RECOMMENDED OPERATING CONDITIONS
2029 PGM T7.0


Similar Part No. - S93WD463SAT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD463SAT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Catalyst Semiconductor
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com