Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D15605D01B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S1D15605D01B
Description  Single-chip dot matrix liquid crystal display drivers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S1D15605D01B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S1D15605D01B Datasheet HTML 2Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 3Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 4Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 5Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 6Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 7Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 8Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 9Page - List of Unclassifed Manufacturers S1D15605D01B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
S1D15605 Series
8–4
EPSON
Rev. 2.4a
Chip Size
10.82 mm
× 2.81 mm
Chip Thickness
0.625 mm
Bump Pitch
71
µm (Min.)
Bump Size
PAD No. 1~24
85
µm × 85 µm
PAD No. 25~82
64
µm × 85 µm
PAD No. 83~99
85
µm × 85 µm
PAD No. 100
85
µm × 73 µm
PAD No. 101~133
85
µm × 47 µm
PAD No. 134
85
µm × 73 µm
PAD No. 135
73
µm × 85 µm
PAD No. 136~273
47
µm × 85 µm
PAD No. 274
73
µm × 85 µm
PAD No. 275
86
µm × 73 µm
PAD No. 276~308
85
µm × 47 µm
PAD No. 309
85
µm × 73 µm
Bump Height
17
µm (Typ.)
S1D15605 Series
(0, 0)
100
99
1
135
274
134
309
275
Die No.
4. PAD
Pad Layout


Similar Part No. - S1D15605D01B

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D15714 EPSON-S1D15714 Datasheet
606Kb / 65P
   a single chip MLS driver
S1D15714D00B000 EPSON-S1D15714D00B000 Datasheet
606Kb / 65P
   a single chip MLS driver
S1D15E06 EPSON-S1D15E06 Datasheet
669Kb / 74P
   Direct RAM data display by display data RAM
S1D15E06D01B000 EPSON-S1D15E06D01B000 Datasheet
669Kb / 74P
   Direct RAM data display by display data RAM
S1D15E06D01E000 EPSON-S1D15E06D01E000 Datasheet
669Kb / 74P
   Direct RAM data display by display data RAM
More results

Similar Description - S1D15605D01B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMG-SSC12A64 ETC1-LMG-SSC12A64 Datasheet
222Kb / 9P
   DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com