Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


L7805CV Datasheet(PDF) 24 Page - STMicroelectronics

Part No. L7805CV
Description  POSITIVE VOLTAGE REGULATORS
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 24 page
background image
L7800 SERIES
24/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
11.85
0.466
B
0.96
1.05
1.10
0.037
0.041
0.043
C
1.70
0.066
D
8.7
0.342
E
20.0
0.787
G
10.9
0.429
N
16.9
0.665
P
26.2
1.031
R
3.88
4.09
0.152
0.161
U
39.5
1.555
V
30.10
1.185
TO-3 MECHANICAL DATA
P003C/C
R
C
D
A
P
G




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM123THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
UTCLD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
IL33269LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS 1 2 Integral Corp.
GM78L00100 mA POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN78M003-pin Positive Output Voltage Regulators 500mA Type 1 2 3 4 5 MorePanasonic Semiconductor
KIA7805APTHREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl