Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256DM-12 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X28HC256DM-12
Description  5V, Byte Alterable EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC256DM-12 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X28HC256DM-12 Datasheet HTML 4Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 5Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 6Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 7Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 8Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 9Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 10Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 11Page - Intersil Corporation X28HC256DM-12 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8108.2
May 7, 2007
Software Algorithm
Selecting the software data protection mode requires the
host system to precede data write operations by a series of
three write operations to three specific addresses. Refer to
Figure 6 and 7 for the sequence. The three-byte sequence
opens the page write window, enabling the host to write from
one to one hundred twenty-eight bytes of data. Once the
page load cycle has been completed, the device will
automatically be returned to the data protected state.
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection algorithm
is used and data has been written, the X28HC256 will
automatically disable further writes unless another command
is issued to cancel it. If no further commands are issued the
X28HC256 will be write protected during power-down and
after any subsequent power-up.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
WRITE
PROTECTED
VCC
0V
DATA
ADDRESS
AAA
5555
55
2AAA
A0
5555
≤tBLC MAX
WRITES
OK
BYTE
OR
AGE
tWC
FIGURE 6. TIMING SEQUENCE—BYTE OR PAGE WRITE
WRITE LAST
WRITE DATA XX
TO ANY
WRITE DATA A0
TO ADDRESS
5555
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA AA
TO ADDRESS
5555
AFTER tWC
RE-ENTERS DATA
PROTECTED STATE
BYTE TO
LAST ADDRESS
ADDRESS
OPTIONAL
BYTE/PAGE
LOAD OPERATION
BYTE/PAGE
LOAD ENABLED
FIGURE 7. WRITE SEQUENCE FOR SOFTWARE DATA
X28HC256


Similar Part No. - X28HC256DM-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256DM-12 XICOR-X28HC256DM-12 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256DM-12 INTERSIL-X28HC256DM-12 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Rochester Electronics
X28HC256DM-12 ROCHESTER-X28HC256DM-12 Datasheet
977Kb / 21P
   LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
More results

Similar Description - X28HC256DM-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com