Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8050 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS8050
Description  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS8050 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS8050 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS8050 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS8050 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SS8050 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
Silicon Epitaxial Planar Transistor
SS8050
Document number: BL/SSSTC086
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
Collector Current.(IC= 1.5A
Complementary To SS8550.
Collector dissipation:PC=300mW(TC=25
℃)
APPLICATIONS
High Collector Current.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
SS8050
Y1
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Dissipation
300
mW
Tj,Tstg
Junction and Storage Temperature
-55~150


Similar Part No. - SS8050

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS8050 DGNJDZ-SS8050 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
logo
Wing Shing Computer Com...
SS8050 WINGS-SS8050 Datasheet
58Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
SS8050 DGNJDZ-SS8050 Datasheet
513Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Shenzhen Luguang Electr...
SS8050 LUGUANG-SS8050 Datasheet
1Mb / 3P
   Silicon Epitaxial Planar Transistor
logo
Guangdong Youtai Semico...
SS8050 UMW-SS8050 Datasheet
370Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - SS8050

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com