Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3101 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X3101
Description  3 or 4 Cell Li-ion Battery Protection and Monitor IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X3101 Datasheet(HTML) 3 Page - Intersil Corporation

  X3101 Datasheet HTML 1Page - Intersil Corporation X3101 Datasheet HTML 2Page - Intersil Corporation X3101 Datasheet HTML 3Page - Intersil Corporation X3101 Datasheet HTML 4Page - Intersil Corporation X3101 Datasheet HTML 5Page - Intersil Corporation X3101 Datasheet HTML 6Page - Intersil Corporation X3101 Datasheet HTML 7Page - Intersil Corporation X3101 Datasheet HTML 8Page - Intersil Corporation X3101 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
FN8110.1
January 3, 2008
4CB2
Cell balancing FET control output 2. These outputs are used to switch an external FETs in order to perform cell voltage
balancing control. This function can be used to adjust individual cell voltages (e.g. during cell charging). CB2 can be driven
high (Vcc) or low (Vss) to switch the external FET ON/OFF.
5
VCELL3
Battery cell 3 voltage. This pin is used to monitor the voltage of each battery cell internally. The
voltage of an individual cell can also be monitored externally at pin AO.
The X3100 monitors 4 battery cells. The X3101 monitors 3 battery cells.
6CB3
Cell balancing FET control output 3. This output is used to switch an external FET in order to
perform cell voltage balancing control. This function can be used to adjust an individual cell voltage (e.g. during cell charging).
CB3 can be driven high (Vcc) or low (Vss) to switch the external FET ON/OFF.
7
VCELL4/
VSS
Battery cell 4 voltage (X3100) Ground (X3101). This pin is used to monitor the voltage of this battery cell internally. The
voltage of an individual cell can also be monitored externally at pin AO.
The X3100 monitors 4 battery cells. The X3101 monitors 3 battery cells. For the X3101 device connect the VCELL4/VSS pin
to ground.
8CB4
Cell balancing FET control output 4. This output is used to switch an external FET in order to
perform cell voltage balancing control. This function can be used to adjust individual cell voltages
(e.g. during cell charging). CB4 can be driven high (Vcc) or low (Vss) to switch the external FET ON/OFF.
When using the X3101, the CB4 pin can be left unconnected, or the FET control can be used for other purposes.
9
VSS
Ground.
10
VCS1
Current sense voltage pin 1. A sense resistor (RSENSE) is connected between VCS1 and VCS2 (Figure 1). RSENSE has a
resistance in the order of 20m
Ω to 100mΩ, and is used to monitor current flowing through the battery terminals, and protect
against over-current conditions. The voltage at each end of RSENSE can also be monitored at pin AO.
11
VCS2
Current sense voltage pin 2. A sense resistor (RSENSE) is connected between VCS1 and VCS2 (Figure 1). RSENSE has a
resistance in the order of 20m
Ω to 100mΩ, and is used to monitor current flowing through the battery terminals, and protect
against over-current conditions. The voltage at each end of RSENSE can also be monitored at pin AO.
12
OVT
Over-charge detect/release time input. This pin is used to control the delay time (TOV) associated with the detection of an
over-charge condition (see section “Over-charge Protection” on page 14).
13
UVT
Over-discharge detect/release time input. This pin is used to control the delay times associated with the detection (TUV)
and release (TUVR) of an over-discharge (under-voltage) condition (see section “Over-discharge Protection” on page 16).
14
OCT
Over-current detect/release time input. This pin is used to control the delay times associated with the detection (TOC) and
release (TOCR) of an over-current condition (see section “Over-Current Protection” on page 19).
15
AO
Analog multiplexer output. The analog output pin is used to externally monitor various battery parameter voltages. The
voltages which can be monitored at AO (see section “Analog Multiplexer Selection” on page 21) are:
– Individual cell voltages
– Voltage across the current sense resistor (RSENSE). This voltage is amplified with a gain set by the user in the control register
(see section “Current Monitor Function” on page 21.)
The analog select pins pins AS0 - AS2 select the desired voltage to be monitored on the AO pin.
16
AS0
Analog output select pin 0. These pins select which voltage is to be multiplexed to the output AO (see section “Sleep Control
(SLP)” on page 11 and section “Current Monitor Function” on page 21)
17
AS1
Analog output select pin 1. These pins select which voltage is to be multiplexed to the output AO (see section “Sleep Control
(SLP)” on page 11 and section “Current Monitor Function” on page 21)
18
AS2
Analog output select pin 2. These pins select which voltage is to be multiplexed to the output AO (see section “Sleep Control
(SLP)” on page 11 and section “Current Monitor Function” on page 21)
19
SI
Serial data input. SI is the serial data input pin. All opcodes, byte addresses, and data to be written to the device are input
on this pin.
20
SO
Serial data output. SO is a push/pull serial data output pin. During a read cycle, data is shifted out on this pin. Data is clocked
out by the falling edge of the serial clock. While CS is HIGH, SO will be in a High Impedance state.
Note: SI and SO may be tied together to form one line (SI/SO). In this case, all serial data communication with the X3100 or
X3101 is undertaken over one I/O line. This is permitted ONLY if no simultaneous read/write operations occur.
21
SCK
Serial data clock input. The Serial Clock controls the serial bus timing for data input and output. Opcodes, addresses, or
data present on the SI pin are latched on the rising edge of the clock input, while data on the SO pin change after the falling
edge of the clock input.
22
CS
Chip select input pin. When CS is HIGH, the device is deselected and the SO output pin is at high impedance. CS LOW
enables the SPI serial bus.
Pin Descriptions (Continued)
PIN
NUMBER PIN NAME
BRIEF DESCRIPTION
X3100, X3101


Similar Part No. - X3101

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3101 XICOR-X3101 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3101 INTERSIL-X3101 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Xicor Inc.
X3101PT-V XICOR-X3101PT-V Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3101V INTERSIL-X3101V Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
X3101V28 INTERSIL-X3101V28 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
More results

Similar Description - X3101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com