Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97645 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97645
Description  Boost VON Slice VCOM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97645 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97645 Datasheet HTML 4Page - Intersil Corporation ISL97645 Datasheet HTML 5Page - Intersil Corporation ISL97645 Datasheet HTML 6Page - Intersil Corporation ISL97645 Datasheet HTML 7Page - Intersil Corporation ISL97645 Datasheet HTML 8Page - Intersil Corporation ISL97645 Datasheet HTML 9Page - Intersil Corporation ISL97645 Datasheet HTML 10Page - Intersil Corporation ISL97645 Datasheet HTML 11Page - Intersil Corporation ISL97645 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN9263.1
December 14, 2007
Typical Application Diagram
Applications Information
The ISL97645 provides a complete power solution for TFT
LCD applications. The system consists of one boost
converter to generate AVDD voltage for column drivers, one
integrated VCOM buffer which can provide up to 400mA peak
current. This part also integrates Gate Pulse Modulator
circuit that can help to optimize the picture quality.
Enable Control
When enable pin is pulling down, the ISL97645 is shut down
reducing the supply current to <10µA. When the voltage at
enable pin reaches 2.2V, the ISL97645 is on.
Boost Converter
Frequency Selection
The ISL97645 switching frequency can be user selected to
operate at either constant 650kHz or 1.2MHz. Lower
switching frequency can save power dissipation, while
higher switching frequency can allow smaller external
components like inductor and output capacitors, etc.
Connecting FREQ pin to ground sets the PWM switching
frequency to 650MHz, or connecting FREQ pin to VIN for
1.2MHz.
Soft-Start
The soft-start is provided by an internal 2.5µA current source
to charge the external soft start capacitor. The ISL97645
ramps up current limit from 0A up to full value, as the voltage
at SS pin ramps from 0 to 1.2V. Hence the soft-start time is
4.8ms when the soft-start capacitor is 10nF, 22.6ms for 47nF
and 48ms for 100nF.
Operation
The boost converter is a current mode PWM converter
operating at either a 650kHz or 1.2MHz. It can operate in
both discontinuous conduction mode (DCM) at light load and
FIGURE 12. TYPICAL APPLICATION DIAGRAM
BOOST
GPM
CIRCUIT
VON
AVDD
ENABLE
VGH
VDD_1
VGH_M
LX
FB
VFLK
COMP
SS
POS
TO ROW DRIVER
NC
NC
VIN
GND
VDPM
FREQ-
CE
RE
PGND
VDD2
AGND
VIN
C1
22µF
C3
2.2nF
C4
10nF
S1
S2
S3
C5
470P
R3
2K
C6
0.1µF
0.47µF
R2
1.3K
R1
10K
C2
47µF
L1
10µH
D1
NEG-
OUT
VCOM
+4.0V
AVDD
R7
80k
C11
1µF
R6
130k
ISL97645


Similar Part No. - ISL97645

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
logo
Renesas Technology Corp
ISL97645A RENESAS-ISL97645A Datasheet
970Kb / 16P
   Boost VON Slice VCOM Reset
More results

Similar Description - ISL97645

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
   Boost VON Slice VCOM
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
   Boost VON Slice VCOM
logo
Renesas Technology Corp
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
   Boost VON Slice VCOM
December 14, 2007
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
   Boost LDO VON Slice VCOM
logo
Intersil Corporation
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
   Boost LDO VON Slice VCOM
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
   Boost VON Slice VCOM Reset
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
   Boost LDO VON Slice VCOM
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
   Boost LDO VON Slice VCOM
logo
Renesas Technology Corp
ISL97645A RENESAS-ISL97645A Datasheet
970Kb / 16P
   Boost VON Slice VCOM Reset
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
   Boost LDO VON Slice VCOM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com