Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3100 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X3100
Description  3 or 4 Cell Li-ion Battery Protection and Monitor IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X3100 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X3100 Datasheet HTML 4Page - Intersil Corporation X3100 Datasheet HTML 5Page - Intersil Corporation X3100 Datasheet HTML 6Page - Intersil Corporation X3100 Datasheet HTML 7Page - Intersil Corporation X3100 Datasheet HTML 8Page - Intersil Corporation X3100 Datasheet HTML 9Page - Intersil Corporation X3100 Datasheet HTML 10Page - Intersil Corporation X3100 Datasheet HTML 11Page - Intersil Corporation X3100 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
FN8110.1
January 3, 2008
Power-up Timing (Initial Power-up or after
Sleep Mode)
VCC
VRGO
TOC
2ms (Typ.)
TPUR
5V ±10% (STABLE AND REPEATABLE)
0V
0V
VRGO TUNED TO 5V ±0.5%
VRGS
VOLTAGE REGULATOR OUTPUT STATUS
OCDS
OVERCURRENT DETECTION STATUS
VRGS+OCDS
1 = X3100/1 in Overcurrent Protection Mode
0 = X3100/1 NOT in Overcurrent Protection Mode
0 = X3100/1 NOT in Overcurrent Protection Mode AND VRGO Tuned
1 = X3100/1 in Overcurrent Protection Mode OR VRGO Not Yet Tuned
STATUS REGISTER BIT 0
1
0
5V
VSLR
1
0
1
AS2_AS0
0
(INTERNAL SIGNAL)
(INTERNAL SIGNAL)
CCES+OVDS
STATUS REGISTER BIT 2
(SWCEN = 0)
OVDS
STATUS REGISTER BIT 2
(SWCEN = 1)
0
0
TOV+200ms
1
1
SPI PORT
TOV + 200ms OR TUV + 200ms (WHICHEVER IS LONGER)
0 = VCELL > VCE OR X3100/1 NOT in Overcharge Protection Mode
1 = VCELL < VCE OR X3100/1 in Overcharge Protection Mode
0 = X3100/1 NOT in Overcharge Protection Mode
1 = X3100/1 in Overcharge Protection Mode
Charge, Discharge FETs can be
turned on here.
Any Read or Write Operation, except
turn-on of FETs can start here.
X3100, X3101


Similar Part No. - X3100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
More results

Similar Description - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com