Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL98001IQZ-140 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL98001IQZ-140
Description  Triple Video Digitizer with Digital PLL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98001IQZ-140 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL98001IQZ-140 Datasheet HTML 1Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 2Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 3Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 4Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 5Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 6Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 7Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 8Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
FN6148.4
August 20, 2007
ANALOG VIDEO INPUT CHARACTERISTICS (RIN1, GIN1, BIN1, RIN2, GIN2, BIN2)
Input Range
0.35
0.7
1.4
VP-P
Input Bias Current
DC restore clamp off
±0.01
±1
µA
Input Capacitance
5pF
Full Power Bandwidth
Programmable
780
MHz
INPUT CHARACTERISTICS (SOGIN1, SOGIN2)
VIH/VIL
Input Threshold Voltage
Programmable - see register
listing for details
0 to
-0.3
V
Hysteresis
Centered around threshold
40
mV
Input Capacitance
5pF
INPUT CHARACTERISTICS (HSYNCIN1, HSYNCIN2)
VIH/VIL
Input Threshold Voltage
Programmable - see register
listing for details
0.4 to
3.2
V
Hysteresis
Centered around threshold
voltage
240
mV
RIN
Input Impedance
1.2
k
Ω
CIN
Input Capacitance
5pF
DIGITAL INPUT CHARACTERISTICS (SDA, SADDR, CLOCKINVIN, RESET)
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
I
Input Leakage Current
RESET has a 70k
Ω pullup to V
D
±10
nA
Input Capacitance
5pF
SCHMITT DIGITAL INPUT CHARACTERISTICS (SCL, VSYNCIN1, VSYNCIN2)
VT+
Low to High Threshold Voltage
1.45
V
VT-
High to Low Threshold Voltage
0.95
V
I
Input Leakage Current
±10
nA
Input Capacitance
5pF
DIGITAL OUTPUT CHARACTERISTICS (DATACLK, DATACLK)
VOH
Output HIGH Voltage, IO = 16mA
2.4
V
VOL
Output LOW Voltage, IO = -16mA
0.4
V
DIGITAL OUTPUT CHARACTERISTICS (RP, GP, BP, RS, GS, BS, HSOUT, VSOUT, HSYNCOUT, VSYNCOUT)
VOH
Output HIGH Voltage, IO = 8mA
2.4
V
VOL
Output LOW Voltage, IO = -8mA
0.4
V
RTRI
Pulldown to GNDD when Three-state
RP, GP, BP, RS, GS, BS only
56
k
Ω
DIGITAL OUTPUT CHARACTERISTICS (SDA, XCLKOUT)
VOH
Output HIGH Voltage, IO = 4mA
XCLKOUT only; SDA is open-drain
2.4
V
VOL
Output LOW Voltage, IO = -4mA
0.4
V
POWER SUPPLY REQUIREMENTS
VA
Analog Supply Voltage
3
3.3
3.6
V
VD
Digital Supply Voltage
3
3.3
3.6
V
VX
Crystal Oscillator Supply Voltage
3
3.3
3.6
V
IA
Analog Supply Current
200
mA
Electrical Specifications
Specifications apply for VA = VD = VX = 3.3V, pixel rate = 140MHz for ISL98001-140, 170MHz for
ISL98001-170, 210MHz for ISL98001-210, 240MHz for ISL98001-240, 275MHz for ISL98001-275,
fXTAL = 25MHz, TA = +25°C, unless otherwise noted (Continued)
SYMBOL
PARAMETER
COMMENT
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
ISL98001


Similar Part No. - ISL98001IQZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Renesas Technology Corp
ISL98001IQZ-140 RENESAS-ISL98001IQZ-140 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
More results

Similar Description - ISL98001IQZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
513Kb / 28P
   Triple Video Digitizer with Digital PLL
March 26, 2008
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
X98021 INTERSIL-X98021_06 Datasheet
448Kb / 29P
   210MHz Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com