Electronic Components Datasheet Search |
|
X9520V20I-AT2 Datasheet(PDF) 1 Page - Intersil Corporation |
|
X9520V20I-AT2 Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 29 page 1 ® FN8206.2 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners. X9520 Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors The X9520 combines three Digitally Controlled Potentiometers (DCPs), V1/VCC Power-on Reset (POR) circuitry, two programmable voltage monitor inputs with software and hardware indicators, and integrated EEPROM with Block Lock™ protection. All functions of the X9520 are accessed by an industry standard 2-Wire serial interface. Two of the DCPs of the X9520 may be utilized to control the bias and modulation currents of the laser diode in a Fiber Optic module. The third DCP may be used to set other various reference quantities, or as a coarse trim for one of the other two DCPs. The 2kbit integrated EEPROM may be used to store module definition data. The programmable POR circuit may be used to ensure that V1/VCC is stable before power is applied to the laser diode/module. The programmable voltage monitors may be used for monitoring various module alarm levels. The features of the X9520 are ideally suited to simplifying the design of fiber optic modules which comply to the Gigabit Interface Converter (GBIC) specification. The integration of these functions into one package significantly reduces board area, cost and increases reliability of laser diode modules. Features • Three Digitally Controlled Potentiometers (DCPs) - 64 Tap - 10k Ω - 100 Tap - 10k Ω - 256 Tap - 100k Ω - Nonvolatile - Write Protect Function • 2kbit EEPROM Memory with Write Protect & Block Lock™ • 2-Wire Industry Standard Serial Interface - Complies to the Gigabit Interface Converter (GBIC) specification • Power-on Reset (POR) Circuitry - Programmable Threshold Voltage - Software Selectable Reset Timeout - Manual Reset • Two Supplementary Voltage Monitors - Programmable Threshold Voltages • Single Supply Operation - 2.7V to 5.5V • Hot Pluggable • 20 Ld Package -TSSOP • Pb-free available (RoHS compliant) Ordering Information PART NUMBER PART MARKING PRESET (FACTORY SHIPPED) TRIPx THRESHOLD LEVELS (x = 2, 3) TEMP. RANGE (°C) PACKAGE PKG. DWG. # X9520V20I-A X9520V IA Optimized for 3.3V system monitoring** -40 to +85 20 Ld TSSOP MDP0044 X9520V20I-AT1* X9520V IA Optimized for 3.3V system monitoring** -40 to +85 20 Ld TSSOP MDP0044 X9520V20I-AT2* X9520V IA Optimized for 3.3V system monitoring** -40 to +85 20 Ld TSSOP MDP0044 X9520V20I-B X9520V IB Optimized for 5V system monitoring** -40 to +85 20 Ld TSSOP MDP0044 X9520V20I-BT1* X9520V IB Optimized for 5V system monitoring** -40 to +85 20 Ld TSSOP MDP0044 X9520V20IZ-A (Note) X9520V ZIA Optimized for 3.3V system monitoring** -40 to +85 20 Ld TSSOP (Pb-free) MDP0044 X9520V20IZ-AT1* (Note) X9520V ZIA Optimized for 3.3V system monitoring** -40 to +85 20 Ld TSSOP (Pb-free) MDP0044 X9520V20IZ-AT2* (Note) X9520V ZIA Optimized for 3.3V system monitoring** -40 to +85 20 Ld TSSOP (Pb-free) MDP0044 X9520V20IZ-B (Note) X9520V ZIB Optimized for 5V system monitoring** -40 to +85 20 Ld TSSOP (Pb-free) MDP0044 X9520V20IZ-BT1* (Note) X9520V ZIB Optimized for 5V system monitoring** -40 to +85 20 Ld TSSOP (Pb-free) MDP0044 * Please refer to TB347 for details on reel specifications. ** For details, see DC Operating characteristics NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Data Sheet August 20, 2007 |
Similar Part No. - X9520V20I-AT2 |
|
Similar Description - X9520V20I-AT2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |