Electronic Components Datasheet Search |
|
42HFR1600M Datasheet(PDF) 3 Page - International Rectifier |
|
42HFR1600M Datasheet(HTML) 3 Page - International Rectifier |
3 / 9 page 40HF(R) Series 3 Bulletin I20201 rev. C 03/04 www.irf.com Parameter Units Conditions 40HF(R) 10 to 120 140 to 160 T J Max. junction operating temperature range -65 to 190 -65 to 160 T stg Max. storage temperature range -65 to 190 -65 to 160 R thJC Max. thermal resistance, junction to case 0.95 DC operation R thCS Max. thermal resistance, case Mounting surface, smooth, flat and to heatsink greased T Max. allowed mounting torque ±10% 2.3 - 3.4 Nm Not lubricated threads 20 - 30 lbf · in wt Approximate weight 17 (0.6) g (oz) unleaded device Case style DO-203AB (DO5) See Outline Table °C 0.25 K/W Thermal and Mechanical Specifications 180° 0.14 0.10 T J = TJ max. 120° 0.16 0.17 90° 0.21 0.22 60° 0.30 0.31 30° 0.50 0.50 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions K/W ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) Ordering Information Table 1 2 3 4 5 Device Code 40 HF R 160 M 1 - 40 = Standard device 41 = Not isolated lead 42 = Isolated lead with silicone sleeve (Red = Reverse polarity) (Blue = Normal polarity) 2 - Standard diode 3 - None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) 4 - Voltage code: Code x 10 = V RRM (See Voltage Ratings table) 5 - None = Stud base DO-203AB (DO-5) 1/4" 28UNF-2A M = Stud base DO-203AB (DO-5) M6 X 1 |
Similar Part No. - 42HFR1600M |
|
Similar Description - 42HFR1600M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |