Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9520V20I-A Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9520V20I-A
Description  Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9520V20I-A Datasheet(HTML) 1 Page - Intersil Corporation

  X9520V20I-A Datasheet HTML 1Page - Intersil Corporation X9520V20I-A Datasheet HTML 2Page - Intersil Corporation X9520V20I-A Datasheet HTML 3Page - Intersil Corporation X9520V20I-A Datasheet HTML 4Page - Intersil Corporation X9520V20I-A Datasheet HTML 5Page - Intersil Corporation X9520V20I-A Datasheet HTML 6Page - Intersil Corporation X9520V20I-A Datasheet HTML 7Page - Intersil Corporation X9520V20I-A Datasheet HTML 8Page - Intersil Corporation X9520V20I-A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN8206.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9520
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
Triple DCP, POR, 2kbit EEPROM Memory,
Dual Voltage Monitors
The X9520 combines three Digitally Controlled
Potentiometers (DCPs), V1/VCC Power-on Reset (POR)
circuitry, two programmable voltage monitor inputs with
software and hardware indicators, and integrated EEPROM
with Block Lock™ protection. All functions of the X9520 are
accessed by an industry standard 2-Wire serial interface.
Two of the DCPs of the X9520 may be utilized to control the
bias and modulation currents of the laser diode in a Fiber Optic
module. The third DCP may be used to set other various
reference quantities, or as a coarse trim for one of the other two
DCPs. The 2kbit integrated EEPROM may be used to store
module definition data. The programmable POR circuit may be
used to ensure that V1/VCC is stable before power is applied to
the laser diode/module. The programmable voltage monitors
may be used for monitoring various module alarm levels.
The features of the X9520 are ideally suited to simplifying the
design of fiber optic modules which comply to the Gigabit
Interface Converter (GBIC) specification. The integration of
these functions into one package significantly reduces board
area, cost and increases reliability of laser diode modules.
Features
• Three Digitally Controlled Potentiometers (DCPs)
- 64 Tap - 10k
Ω
- 100 Tap - 10k
Ω
- 256 Tap - 100k
Ω
- Nonvolatile
- Write Protect Function
• 2kbit EEPROM Memory with Write Protect & Block Lock
• 2-Wire Industry Standard Serial Interface
- Complies to the Gigabit Interface Converter (GBIC)
specification
• Power-on Reset (POR) Circuitry
- Programmable Threshold Voltage
- Software Selectable Reset Timeout
- Manual Reset
• Two Supplementary Voltage Monitors
- Programmable Threshold Voltages
• Single Supply Operation
- 2.7V to 5.5V
• Hot Pluggable
• 20 Ld Package
-TSSOP
• Pb-free available (RoHS compliant)
Ordering Information
PART NUMBER
PART
MARKING
PRESET (FACTORY SHIPPED) TRIPx
THRESHOLD LEVELS (x = 2, 3)
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9520V20I-A
X9520V IA
Optimized for 3.3V system monitoring**
-40 to +85
20 Ld TSSOP
MDP0044
X9520V20I-AT1*
X9520V IA
Optimized for 3.3V system monitoring**
-40 to +85
20 Ld TSSOP
MDP0044
X9520V20I-AT2*
X9520V IA
Optimized for 3.3V system monitoring**
-40 to +85
20 Ld TSSOP
MDP0044
X9520V20I-B
X9520V IB
Optimized for 5V system monitoring**
-40 to +85
20 Ld TSSOP
MDP0044
X9520V20I-BT1*
X9520V IB
Optimized for 5V system monitoring**
-40 to +85
20 Ld TSSOP
MDP0044
X9520V20IZ-A (Note)
X9520V ZIA
Optimized for 3.3V system monitoring**
-40 to +85
20 Ld TSSOP (Pb-free)
MDP0044
X9520V20IZ-AT1* (Note)
X9520V ZIA
Optimized for 3.3V system monitoring**
-40 to +85
20 Ld TSSOP (Pb-free)
MDP0044
X9520V20IZ-AT2* (Note)
X9520V ZIA
Optimized for 3.3V system monitoring**
-40 to +85
20 Ld TSSOP (Pb-free)
MDP0044
X9520V20IZ-B (Note)
X9520V ZIB
Optimized for 5V system monitoring**
-40 to +85
20 Ld TSSOP (Pb-free)
MDP0044
X9520V20IZ-BT1* (Note)
X9520V ZIB
Optimized for 5V system monitoring**
-40 to +85
20 Ld TSSOP (Pb-free)
MDP0044
* Please refer to TB347 for details on reel specifications.
** For details, see DC Operating characteristics
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Data Sheet
August 20, 2007


Similar Part No. - X9520V20I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520V20I-A INTERSIL-X9520V20I-A Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520V20I-A RENESAS-X9520V20I-A Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9520V20I-AT1 INTERSIL-X9520V20I-AT1 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520V20I-AT1 RENESAS-X9520V20I-AT1 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520V20I-AT2 RENESAS-X9520V20I-AT2 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
More results

Similar Description - X9520V20I-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com