Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F640C3TD70 Datasheet(PDF) 7 Page - Intel Corporation

Part # TE28F640C3TD70
Description  Advanced Boot Block Flash Memory (C3)
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F640C3TD70 Datasheet(HTML) 7 Page - Intel Corporation

Back Button TE28F640C3TD70 Datasheet HTML 3Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 4Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 5Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 6Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 7Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 8Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 9Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 10Page - Intel Corporation TE28F640C3TD70 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
7
1.0
Introduction
1.1
Document Purpose
This datasheet contains the specifications for the Intel
® Advanced+ Boot Block Flash Memory
(C3) device family. These flash memories add features such as instant block locking and protection
registers that can be used to enhance the security of systems.
1.2
Nomenclature
0x
Hexadecimal prefix
0b
Binary prefix
Byte
8 bits
Word
16 bits
Kword
1024 words
Mword
1,048,576 words
Kb
1024 bits
KB
1024 bytes
Mb
1,048,576 bits
MB
1,048,576 bytes
APS
Automatic Power Savings
CUI
Command User Interface
OTP
One Time Programmable
PR
Protection Register
PRD
Protection Register Data
PLR
Protection Lock Register
RFU
Reserved for Future Use
SR
Status Register
SRD
Status Register Data
WSM
Write State Machine
1.3
Conventions
The terms pin and signal are often used interchangeably to refer to the external signal connections
on the package. (ball is the term used for CSP).
Group Membership Brackets: Square brackets will be used to designate group membership or to
define a group of signals with similar function (i.e. A[21:1], SR[4:1])
Set: When referring to registers, the term set means the bit is a logical 1.
Clear: When referring to registers, the term clear means the bit is a logical 0.
Block: A group of bits (or words) that erase simultaneously with one block erase instruction.
Main Block: A block that contains 32 Kwords.
Parameter Block: A block that contains 4 Kwords.


Similar Part No. - TE28F640C3TD70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F640C3 INTEL-TE28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
More results

Similar Description - TE28F640C3TD70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com