Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2521L-1-E3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS2521L-1-E3
Description  LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2521L-1-E3 Datasheet(HTML) 3 Page - California Eastern Labs

  PS2521L-1-E3 Datasheet HTML 1Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 2Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 3Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 4Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 5Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 6Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 7Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 8Page - California Eastern Labs PS2521L-1-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PS2521-1,PS2521L-1
MARKING EXAMPLE
2521
NL601
Assembly Lot
Week Assembled
Year Assembled
(Last 1 Digit)
In-house Code
CTR Rank Code
No. 1 pin
Mark
Package
New PKG
Standard PKG
Made in Japan Made in Taiwan
N
6
01
L
L
Data Sheet PN10230EJ02V0DS
3


Similar Part No. - PS2521L-1-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2521L-1-E3 NEC-PS2521L-1-E3 Datasheet
123Kb / 12P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2521L-1-E3 CEL-PS2521L-1-E3 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521L-1-E3-A CEL-PS2521L-1-E3-A Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2521L-1-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2521-1 NEC-PS2521-1 Datasheet
123Kb / 12P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com