Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQFN-33 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # TQFN-33
Description  16-Terminal Ceramic Surface-Mount Case 3.0 X 3.0 mm Nominal Footprint
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TQFN-33 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  TQFN-33 Datasheet HTML 1Page - RF Monolithics, Inc TQFN-33 Datasheet HTML 2Page - RF Monolithics, Inc TQFN-33 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TQFN-16/33 Package
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
3x3-TQFN-021606
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
13
330
2000
Tape and Reel Standard Per ANSI / EIA 481
See Detail "A"
2.0
12.0


Similar Part No. - TQFN-33

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
TQFN2X2-12 GMT-TQFN2X2-12 Datasheet
131Kb / 1P
   Package Outline
TQFN3.5X3.5-14 GMT-TQFN3.5X3.5-14 Datasheet
133Kb / 1P
   Package Outline
TQFN3.5X3.5-20 GMT-TQFN3.5X3.5-20 Datasheet
189Kb / 1P
   Package Outline
TQFN3.8X6.2-44 GMT-TQFN3.8X6.2-44 Datasheet
129Kb / 1P
   Package Outline
logo
Advanced Analogic Techn...
TQFN34-20 ANALOGICTECH-TQFN34-20 Datasheet
382Kb / 20P
   Four-Channel Backlight Driver with Dual LDOs
More results

Similar Description - TQFN-33

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SM3838-8 RFM-SM3838-8 Datasheet
44Kb / 1P
   8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
SM10996-14 RFM-SM10996-14 Datasheet
15Kb / 1P
   14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
   10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
XFL8001 RFM-XFL8001 Datasheet
113Kb / 2P
   6-Terminal Surface-Mount Case 5.0 x 7.0 mm Nominal Footprint
logo
Murata Manufacturing Co...
SF2412E MURATA-SF2412E Datasheet
490Kb / 4P
   Surface Mount 3.0 x 3.0 mm Package
logo
Kingbright Corporation
APBL3025SYKCGKC-F01 KINGBRIGHT-APBL3025SYKCGKC-F01 Datasheet
309Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APBL3025SURKZGKC TO-GRACE-APBL3025SURKZGKC Datasheet
920Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APB3025YSGC-F01 TO-GRACE-APB3025YSGC-F01 Datasheet
969Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
APBL3025SYKCGKC-F01 TO-GRACE-APBL3025SYKCGKC-F01 Datasheet
944Kb / 4P
   3.0 x 2.5 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com