Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5817 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SM5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SM5817 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SM5817 Datasheet HTML 1Page - Rectron Semiconductor SM5817 Datasheet HTML 2Page - Rectron Semiconductor SM5817 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast switching
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.015 gram
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SM5817
THRU
SM5819
MELF
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA=90
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note) 1
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
20
Volts
Volts
Volts
Amps
14
28
40
1.0
25
80
110
Amps
0 C/ W
0 C
30
21
Storage Operating Temperature Range
R
θJA
IO
-65 to + 125
pF
20
30
40
SM5817
SM5818
SM5819
CHARACTERISTICS
Maximum Average Reverse Current at
Rated DC Blocking Voltage
VF
SYMBOL
IR
UNITS
mAmps
Volts
Maximum Forward Voltage at 3.1A DC
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
SM5817
SM5818
SM5819
.45
.55
.60
.75
VF
.875
.90
10
@TA = 25
oC
@TA = 100
oC
.095 (2.4)
.106 (2.7)
.028 (.60)
.018 (.46)
.190 (4.8)
.205 (5.2)
SOLDERABLE
ENDS
MECHANICAL DATA


Similar Part No. - SM5817

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM5817 GWSEMI-SM5817 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Rectron Semiconductor
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
MIC GROUP RECTIFIERS
SM5817 MIC-SM5817 Datasheet
59Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SM5817 SHUNYE-SM5817 Datasheet
94Kb / 2P
   Silicon epitaxial planer type
logo
Bytes
SM5817 BYTES-SM5817 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5817

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817_07 Datasheet
243Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
1N17 RECTRON-1N17_06 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
1N5817 WINGS-1N5817 Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com